Electronic Components Datasheet Search
  English  ▼

X  

CM2855 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM2855
Description  300MA CMOS LDO WITH EN & PG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2855 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM2855 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CM2855
300mA CMOS LDO WITH EN & PG
2004/6/01 Rev. 1.2
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
Part Number
Output Voltage
Temperature Range
Package
CM2855IM26
Adjustable
-40℃ ~ +85℃
SOT-23-6
CM2855GIM26*
Adjustable
-40℃ ~ +85℃
SOT-23-6
*Note: G : Suffix for Pb Free Product
ABSOLUTE MAXIMUM RATINGS
OPERATING RATINGS
Input Voltage …………….……………………………. +7V
Output Current …………………….……
PD / (VIN - Vo)
Output Voltage …………………… GND-0.3V to VIN+0.3V
ESD Classification ………………………………………… B
Ambient Temperature Range (TA) ……... -40℃ to +85℃
Junction Temperature Range …..…... -40℃ to +125℃
THERMAL INFORMATION
Parameter
Maximum
Unit
Thermal Resistance (ΘJA)
SOT-23-6
260
℃
/W
Internal Power Dissipation (PD)
SOT-23-6
Note 1
Maximum Junction Temperature
150
℃
Maximum Lead Temperature (10 Sec)
300
℃
Caution: Stress above the listed absolute rating may cause permanent damage to the device.
Note 1
: PD(MAX) = (TJ(MAX) – TA)/θJA, where θJA depends on the printed circuit layout.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com