Electronic Components Datasheet Search
  English  ▼

X  

CM2855 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM2855
Description  300MA CMOS LDO WITH EN & PG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2855 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM2855 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2855 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CM2855
300mA CMOS LDO WITH EN & PG
2004/6/01 Rev. 1.2
Champion Microelectronic Corporation
Page 2
PIN CONFIGURATION
SOT-23-6
Top View
1
6
3
2
4
5
BLOCK DIAGRAM
Overcurrent
Shutdown
Thermal
Shutdown
IN
OUT
GND
Vref = 1.176V
AMP
-
+
PG
EN
1uA
+
-
Vref x 85%
ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com