Electronic Components Datasheet Search
  English  ▼

X  

COP424C Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP424C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP424C Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP424C Datasheet HTML 2Page - National Semiconductor (TI) COP424C Datasheet HTML 3Page - National Semiconductor (TI) COP424C Datasheet HTML 4Page - National Semiconductor (TI) COP424C Datasheet HTML 5Page - National Semiconductor (TI) COP424C Datasheet HTML 6Page - National Semiconductor (TI) COP424C Datasheet HTML 7Page - National Semiconductor (TI) COP424C Datasheet HTML 8Page - National Semiconductor (TI) COP424C Datasheet HTML 9Page - National Semiconductor (TI) COP424C Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Connection Diagrams
DIP and SO Wide
TLDD5259 – 16
Top View
Order Number COP326C-XXXD
or COP426C-XXXD
See NS Hermetic Package D20A
(Prototype Package Only)
Order Number COP326C-XXXN
or COP426C-XXXN
See NS Molded Package N20A
Order Number COP326C-XXXWM
or COP426C-XXXWM
See NS Surface Mount Package M20B
DIP and SO Wide
TLDD5259 – 2
Top View
Order Number COP325C-XXXD COP445C-XXXD
COP425C-XXXD or COP345C-XXXD
See NS Hermetic Package D24C
(Prototype Package Only)
Order Number COP325C-XXXN COP345C-XXXN
COP425C-XXXN or COP445C-XXXN
See NS Molded Package N24A
Order Number COP325C-XXXWM COP345C-XXXWM
COP425C-XXXWM or COP445C-XXXWM
See NS Surface Mount Package M24B
Dual-In-Line Package
TLDD5259 – 3
Top View
Order Number COP324C-XXXD COPC324-XXXWM COP344C-XXXD
COP424C-XXXD COPC424-XXXWM or COP444C-XXXD
See NS Hermetic Package D28C
(Prototype Package Only)
Order Number COP324C-XXXN COP344C-XXXN COPC344-XXXWM
COP424C-XXXN COP444C-XXXN or COPC444-XXXWM
See NS Molded Package N28B
FIGURE 2
Pin
Description
L7 – L0
8-bit bidirectional port with TRI-STATE
G3 – G0
4-bit bidirectional IO port
D3 – D0
4-bit output port
IN3 – IN0
4-bit input port (28-pin package only)
SI
Serial input or counter input
SO
Serial or general purpose output
Pin
Description
SK
Logic controlled clock output
CKI
Chip oscillator input
CKO
Oscillator output HALT IO port or general
purpose input
RESET
Reset input
VCC
Most positive power supply
GND
Ground
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com