Electronic Components Datasheet Search
  English  ▼

X  

COP424C Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP424C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP424C Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP424C Datasheet HTML 6Page - National Semiconductor (TI) COP424C Datasheet HTML 7Page - National Semiconductor (TI) COP424C Datasheet HTML 8Page - National Semiconductor (TI) COP424C Datasheet HTML 9Page - National Semiconductor (TI) COP424C Datasheet HTML 10Page - National Semiconductor (TI) COP424C Datasheet HTML 11Page - National Semiconductor (TI) COP424C Datasheet HTML 12Page - National Semiconductor (TI) COP424C Datasheet HTML 13Page - National Semiconductor (TI) COP424C Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Functional Description (Continued)
INITIALIZATION
The internal reset logic will initialize the device upon power-
up if the power supply rise time is less than 1 ms and if the
operating frequency at CKI is greater than 32 kHz other-
wise the external RC network shown in
Figure 7 must be
connected to the RESET pin (the conditions in
Figure 7
must be met) The RESET pin is configured as a Schmitt
trigger input If not used it should be connected to VCC
Initialization will occur whenever a logic ‘‘0’’ is applied to the
RESET input providing it stays low for at least three instruc-
tion cycle times
Note
If CKI clock is less than 32 kHz the internal reset logic (option
29e1) MUST be disabled and the external RC circuit must be used
TLDD5259 – 8
FIGURE 7 Power-Up Circuit
Upon initialization the PC register is cleared to 0 (ROM ad-
dress 0) and the A B C D EN IL T and G registers are
cleared The SKL latch is set thus enabling SK as a clock
output Data Memory (RAM) is not cleared upon initializa-
tion The first instruction at address 0 must be a CLRA
(clear A register)
TIMER
The timer can be operated as a time-base counter
The instruction cycle frequency generated from CKI passes
through a 2-bit divide-by-4 prescaler The output of this pre-
scaler increments the 8-bit T counter thus providing a 10-bit
timer The pre-scaler is cleared during execution of a CAMT
instruction and on reset
For example using a 4 MHz crystal with a divide-by-16 op-
tion the instruction cycle frequency of 250 kHz increments
the 10-bit timer every 4 ms By presetting the counter and
detecting overflow
accurate timeouts between 16 ms
(4 counts) and 4096 ms (1024 counts) are possible Longer
timeouts can be achieved by accumulating under software
control multiple overflows
HALT MODE
The COP444C445C424C425C426C is a FULLY STAT-
IC circuit therefore the user may stop the system oscillator
at any time to halt the chip The chip may also be halted by
the HALT instruction or by forcing CKO high when it is
mask-programmed as an HALT IO port Once in the HALT
mode the internal circuitry does not receive any clock sig-
nal and is therefore frozen in the exact state it was in when
halted All information is retained until continuing The chip
may be awakened by one of two different methods
 Continue function by forcing CKO low if it mask-pro-
grammed as an HALT IO port the system clock is re-
enabled and the circuit continues to operate from the
point where it was stopped
 Restart by forcing the RESET pin low (see Initializa-
tion)
TLDD5259 – 9
Crystal or Resonator
Crystal
Component Values
Value
R1
R2
C1(pF)
C2(pF)
32 kHz
220k
20M
30
6 – 36
455 kHz
5k
10M
80
40
2096 MHz
2k
1M
30
6 – 36
40 MHz
1k
1M
30
6 – 36
RC Controlled Oscillator (g5% R g5% C)
RC
Cycle
VCC
Time
30k
82 pF
5 – 11 ms
t
45V
60k
100 pF
12 – 24 ms
24 – 45V
Note
15ksRs150k
50 pFsCs150 pF
FIGURE 8 Oscillator Component Values
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com