Electronic Components Datasheet Search
  English  ▼

X  

COP425C Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP425C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP425C Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button COP425C Datasheet HTML 16Page - National Semiconductor (TI) COP425C Datasheet HTML 17Page - National Semiconductor (TI) COP425C Datasheet HTML 18Page - National Semiconductor (TI) COP425C Datasheet HTML 19Page - National Semiconductor (TI) COP425C Datasheet HTML 20Page - National Semiconductor (TI) COP425C Datasheet HTML 21Page - National Semiconductor (TI) COP425C Datasheet HTML 22Page - National Semiconductor (TI) COP425C Datasheet HTML 23Page - National Semiconductor (TI) COP425C Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Option List (Continued)
Option 18 SK Driver
(same as option 17)
Option 19 IN0 Input
(same as option 9)
Option 20 IN3 Input
(same as option 9)
Option 21 G0 IO Port
(same as option 17)
Option 22 G1 IO Port
(same as option 17)
Option 23 G2 IO Port
(same as option 17)
Option 24 G3 IO Port
(same as option 17)
Option 25 D3 Output
(same as option 17)
Option 26 D2 Output
(same as option 17)
Option 27 D1 Output
(same as option 17)
Option 28 D0 Output
(same as option 17)
Option 29 Internal Initialization Logic
e
0 Normal operation
e
1 No internal initialization logic
Option 30 Dual Clock
e
0 Normal operation
e
1 Dual Clock D0 RC oscillator
e
2 Dual Clock D0 ext clock input
((opt 28muste2)
Option 31 Timer
e
0 No Option Available
Option 32 Microbus
e
0 Normal
e
1 Microbus (opt
31 muste0)
Option 33 COP bonding
(1k and 2K Microcontroller)
e
0 28-pin package
e
1 24-pin package
e
2 Same die purchased in both
24 and 28 pin version
(1K Microcontroller only)
e
3 20-pin package
e
4 28- and 20-pin package
e
5 24- and 20-pin package
e
6 28- 24- and 20-pin package
Noteif opt
33e1 or 2 then opt
9 10 19 20 and 32
must e 0if opt
33e3 4 5 or 6 then opt
9 10 19
20 21 22 30 and 32 must e 0
Option Table
The following option information is to be sent to National along with the EPROM
OPTION DATA
OPTION
1 VALUE e
0
IS GROUND PIN
OPTION
2 VALUE e
IS CKO PIN
OPTION
3 VALUE e
IS CKI INPUT
OPTION
4 VALUE e
IS RESET INPUT
OPTION
5 VALUE e
IS L(7) DRIVER
OPTION
6 VALUE e
IS L(6) DRIVER
OPTION
7 VALUE e
IS L(5) DRIVER
OPTION
8 VALUE e
IS L(4) DRIVER
OPTION
9 VALUE e
IS IN1 INPUT
OPTION 10 VALUE e
IS IN2 INPUT
OPTION 11 VALUE e
IS VCC PIN
OPTION 12 VALUE e
IS L(3) DRIVER
OPTION 13 VALUE e
IS L(2) DRIVER
OPTION 14 VALUE e
IS L(1) DRIVER
OPTION 15 VALUE e
IS L(0) DRIVER
OPTION 16 VALUE e
IS SI INPUT
OPTION DATA
OPTION 17 VALUE e
IS SO DRIVER
OPTION 18 VALUE e
IS SK DRIVER
OPTION 19 VALUE e
IS IN0 INPUT
OPTION 20 VALUE e
IS IN3 INPUT
OPTION 21 VALUE e
IS G0 IO PORT
OPTION 22 VALUE e
IS G1 IO PORT
OPTION 23 VALUE e
IS G2 IO PORT
OPTION 24 VALUE e
IS G3 IO PORT
OPTION 25 VALUE e
IS D3 OUTPUT
OPTION 26 VALUE e
IS D2 OUTPUT
OPTION 27 VALUE e
IS D1 OUTPUT
OPTION 28 VALUE e
IS D0 OUTPUT
OPTION 29 VALUE e
IS INT INIT LOGIC
OPTION 30 VALUE e
IS DUAL CLOCK
OPTION 31 VALUE e
0
IS TIMER
OPTION 32 VALUE e
IS MICROBUS
OPTION 33 VALUE e
IS COP BONDING
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com