Electronic Components Datasheet Search
  English  ▼

X  

CS8920 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 3Page - Cirrus Logic CS8920 Datasheet HTML 4Page - Cirrus Logic CS8920 Datasheet HTML 5Page - Cirrus Logic CS8920 Datasheet HTML 6Page - Cirrus Logic CS8920 Datasheet HTML 7Page - Cirrus Logic CS8920 Datasheet HTML 8Page - Cirrus Logic CS8920 Datasheet HTML 9Page - Cirrus Logic CS8920 Datasheet HTML 10Page - Cirrus Logic CS8920 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
AN84REV1
7
CS8920 Technical Reference Manual
The hardware design considerations for
both motherboards and adapter cards are
discussed in Chapter 2.0. The EEPROM
programming considerations are described
in Chapter 3.0. The current CS8920 data
sheet can be found in section 6.0.
Crystal provides a complete set of device
drivers, as discussed in Chapter 4.0. The
drivers reside between the networking
operating system (NOS) and the CS8920.
On the CS8920 side, the drivers understand
how to program and read the CS8920
control and status registers, and how to
transfer user data between the CS8920 and
the PC main memory via the ISA bus. On
the NOS side, the drivers provide the
standardized services and functions
required by the NOS, and hide all details of
the CS8920 hardware from the NOS. The
EEPROM device programs the CS8920
whenever a hardware reset occurs, and call
also store state/configuration information
for the driver.
Crystal’s Software Driver Distribution
Policy is as follows. This developer kit
contains a single-user copy of object code
which is available only for internal testing
and evaluation purposes. This object code
may not be distributed without first signing
a LICENSE FOR DISTRIBUTION OF
EXECUTABLE SOFTWARE, which may
be obtained by contacting your sales
representative. The LICENSE FOR
DISTRIBUTION OF EXECUTABLE
SOFTWARE gives you unlimited, royalty-
free rights to distribute Crystal-provided
object code.
The drivers supported are shown in Table
1.1.
O per at ing S y s t em S o f t w ar e
e.g. , F ile M anager
C S 8920 R egis t er s & M e m o r y
C S 8920- s pec if ic dev ic e dr iv er s :
e.g. , N D I S & O D I c o m pat ib le dr iv er s
N e tw or k O per at in g S y s t em
e. g. , N o v e ll or M ic r os of t
A pplic ations
EEPR O M
Figure 1.2 - Software Application Su mmary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com