Electronic Components Datasheet Search
  English  ▼

X  

CS8920 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 50Page - Cirrus Logic CS8920 Datasheet HTML 51Page - Cirrus Logic CS8920 Datasheet HTML 52Page - Cirrus Logic CS8920 Datasheet HTML 53Page - Cirrus Logic CS8920 Datasheet HTML 54Page - Cirrus Logic CS8920 Datasheet HTML 55Page - Cirrus Logic CS8920 Datasheet HTML 56Page - Cirrus Logic CS8920 Datasheet HTML 57Page - Cirrus Logic CS8920 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
AN84REV1
54
CS8920 Technical Reference Manual
via a stand-alone EEPROM
programmer.
3.6 Obtaining IEEE Addresses
Each node of a Local Area Network has
a unique address for the media access
control (MAC). This makes it possible
for that particular node to have unique
identity for data communication. This
address, known as the IEEE physical
address, consists of 48 bits of data. This
address is assigned to a LAN physical
interface node by the manufacturer of
the network interface card.
To ensure uniqueness of the address, 24
bits of out of the 48 bits of the physical
address are assigned to the manufacturer
by the IEEE standards committee. This
24 bit address is known as
Organizationally Unique Identifier
(OUI).
The remaining 24 bits of the address are
assigned by the manufacturer. For
further information and an application
for an OUI, please contact the IEEE at
the following address:
IEEE Registration Authority,
IEEE Standards Department,
445 Hoes Lane, PO Box 1331
Piscataway, NJ 08855-1331, USA
Telephone:
(908) 562-3813
FAX:
(908) 562-1571
Adapter boards shipped as part of
Crystal’s CS8920 Evaluation Kit are
programmed with an IEEE Physical
Address obtained from an allotment
assigned to Crystal Semiconductor Corp.
by the IEEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com