Electronic Components Datasheet Search
  English  ▼

X  

COP445C Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP445C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP445C Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button COP445C Datasheet HTML 11Page - National Semiconductor (TI) COP445C Datasheet HTML 12Page - National Semiconductor (TI) COP445C Datasheet HTML 13Page - National Semiconductor (TI) COP445C Datasheet HTML 14Page - National Semiconductor (TI) COP445C Datasheet HTML 15Page - National Semiconductor (TI) COP445C Datasheet HTML 16Page - National Semiconductor (TI) COP445C Datasheet HTML 17Page - National Semiconductor (TI) COP445C Datasheet HTML 18Page - National Semiconductor (TI) COP445C Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Instruction Set (Continued)
Table III COP444C445C Instruction Set
(Continued)
Machine
Mnemonic
Operand
Hex
Language
Data Flow
Skip
Description
Code
Code
Conditions
(Binary)
MEMORY REFERENCE INSTRUCTIONS
(Continued)
STII
y
7b
0111
y
y
xRAM(B)
None
Store Memory Immediate
Bd a 1
xBd
1 and Increment Bd
Xr
b
6
00
r
0110
RAM(B)
A
None
Exchange RAM with A
(re03)
Br Z r
xBr
Exclusive-OR Br with r
XAD
rd
23
0010 0011
RAM(rd)
A
None
Exchange A with RAM
bb
1 r
d
Pointed to Directly by rd
XDS
r
b
7
00 r 0111
RAM(B)
A
Bd
Exchange RAM with A
(re03)
Bdb1
xBd
decrements
and Decrement Bd
Br Z r
xBr
past 0
Exclusive-OR Br with r
XIS
r
b
4
00
r
0100
RAM(B)
A
Bd
Exchange RAM with A
(re03)
Bda1
xBd
increments
and Increment Bd
Br Z r
xBr
past 15
Exclusive-OR Br with r
REGISTER REFERENCE INSTRUCTIONS
CAB
50
0101 0000
A
xBd
None
Copy A to Bd
CBA
4E
0100 1110
Bd
xA
None
Copy Bd to A
LBI
rd
bb
00 r (d–1)
rd
xB
Skip until
Load B Immediate with rd
(re03
not a LBI
(Note 6)
de0915)
or
33
0011 0011
bb
1
r
d
(any r any d)
LEI
y
33
0011 0011
y
xEN
None
Load EN Immediate (Note 7)
6b
0110
y
XABR
12
0001 0010
A
Br
None
Exchange A with Br (Note 8)
TEST INSTRUCTIONS
SKC
20
0010 0000
Ce‘‘1’’
Skip if C is True
SKE
21
0010 0001
AeRAM(B)
Skip if A Equals RAM
SKGZ
33
0011 0011
G30e0
Skip if G is Zero
21
0010 0001
(all 4 bits)
SKGBZ
33
0011 0011
1st byte
Skip if G Bit is Zero
001
0000 0001
G0e0
111
0001 0001
G1e0
203
0000 0011
2nd byte
G2e0
313
0001 0011
*
G3e0
SKMBZ
0
01
0000 0001
RAM(B)0e0
Skip if RAM Bit is Zero
111
0001 0001
RAM(B)1e0
203
0000 0011
RAM(B)2e0
313
0001 0011
RAM(B)3e0
SKT
41
0100 0001
A time-base
Skip on Timer
counter carry
(Note 3)
has occurred
since last test
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com