Electronic Components Datasheet Search
  English  ▼

X  

DP8391 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8391
Description  Serial Network Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8391 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP8391 Datasheet HTML 2Page - National Semiconductor (TI) DP8391 Datasheet HTML 3Page - National Semiconductor (TI) DP8391 Datasheet HTML 4Page - National Semiconductor (TI) DP8391 Datasheet HTML 5Page - National Semiconductor (TI) DP8391 Datasheet HTML 6Page - National Semiconductor (TI) DP8391 Datasheet HTML 7Page - National Semiconductor (TI) DP8391 Datasheet HTML 8Page - National Semiconductor (TI) DP8391 Datasheet HTML 9Page - National Semiconductor (TI) DP8391 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
80 Switching Characteristics VCC e 5V g5% TA e 0 to 70 C (Note 2) (Continued)
Symbol
Parameter
Figure
Min
Typ
Max
Units
RECEIVE SPECIFICATION
tRCd
Receive Clock Duty Cycle at 50% (10 MHz)
12
40
50
60
%
tRCr
Receive Clock Rise Time (20% to 80%)
12
8
ns
tRCf
Receive Clock Fall Time (80% to 20%)
12
8
ns
tRDr
Receive Data Rise Time (20% to 80%)
12
8
ns
tRDf
Receive Data Fall Time (80% to 20%)
12
8
ns
tRDs
Receive Data Stable from Receive Clock Rising Edge
7
12
g
40
ns
tCSon
Carrier Sense Turn On Delay
7
12
50
ns
tCSoff
Carrier Sense Turn Off Delay
8 912
160
ns
tDAT
Decoder Acquisition Time
7
700
ns
tDrej
Differential Inputs Rejection Pulse Width (Squelch)
7
8
30
ns
tRd
Receive Throughput Delay
8
12
150
ns
COLLISION SPECIFICATION
tCOLon
Collision Turn On Delay
10
12
50
ns
tCOLoff
Collision Turn Off Delay
10
12
350
ns
LOOPBACK SPECIFICATION
tLBs
Loopback Setup Time
11
20
ns
tLBh
Loopback Hold Time
11
0
ns
Note 2
All typicals are given for VCC e 5V and TA e 25 C
90 Timing and Load Diagrams
TLF6758 – 5
FIGURE 4 Transmit Timing - Start of Transmission
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com