Electronic Components Datasheet Search
  English  ▼

X  

DP8391 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8391
Description  Serial Network Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8391 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8391 Datasheet HTML 1Page - National Semiconductor (TI) DP8391 Datasheet HTML 2Page - National Semiconductor (TI) DP8391 Datasheet HTML 3Page - National Semiconductor (TI) DP8391 Datasheet HTML 4Page - National Semiconductor (TI) DP8391 Datasheet HTML 5Page - National Semiconductor (TI) DP8391 Datasheet HTML 6Page - National Semiconductor (TI) DP8391 Datasheet HTML 7Page - National Semiconductor (TI) DP8391 Datasheet HTML 8Page - National Semiconductor (TI) DP8391 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
20 Block Diagram
TLF6758 – 2
FIGURE 1
30 Functional Description
The SNI consists of five main logical blocks
a) the oscillatorgenerates the 10 MHz transmit clock sig-
nal for system timing
b) the Manchester encoder and differential output driver
accepts NRZ data from the controller performs Man-
chester encoding and transmits it differentially to the
transceiver
c) the Manchester decoderreceives Manchester data
from the transceiver converts it to NRZ data and clock
pulses and sends them to the controller
d) the collision translatorindicates to the controller the
presence of a valid 10 MHz signal at its input
e) the loopback circuitrywhen asserted switches encod-
ed data instead of receive input signals to the digital
phase-locked loop
31 OSCILLATOR
The oscillator is controlled by a 20 MHz parallel resonant
crystal connected between X1 and X2 or by an external
clock on X1 The 20 MHz output of the oscillator is divided
by 2 to generate the 10 MHz transmit clock for the control-
ler The oscillator also provides internal clock signals to the
encoding and decoding circuits
Crystal Specification
Resonant frequency
20 MHz
Tolerance
g
0001% at 25 C
Stability
g
0005% 0 – 70 C
Type
AT-Cut
Circuit
Parallel Resonance
The 20 MHz crystal connection to the SNI requires special
care The IEEE 8023 standard requires a 001% absolute
accuracy on the transmitted signal frequency Stray capaci-
tance can shift the crystal’s frequency out of range causing
the transmitted frequency to exceed its 001% tolerance
The frequency marked on the crystal is usually measured
with a fixed shunt capacitance (CL) that is specified in the
crystal’s data sheet This capacitance for 20 MHz crystals is
typically 20 pF The capacitance between the X1 and X2
pins of the SNI of the PC board traces and the plated
through holes plus any stray capacitance such as the sock-
et capacitance if one is used should be estimated or mea-
sured Once the total sum of these capacitances is deter-
mined the value of additional external shunt capacitance
required can be calculated This capacitor can be a fixed
5% tolerance component The frequency accuracy should
be measured during the design phase at the transmit clock
pin (TXC) for a given pc layout
Figure 2 shows the crystal
connection
TLF6758 – 3
CL e Load capacitance specified by the crystal’s manufacturer
CP e Total parasitic capacitance including
a) SNI input capacitance between X1 and X2 (typically 5 pF)
b) PC board traces plated through holes socket capacitances
Note 1
When using a Viking (San Jose) VXB49N5 crystal the external ca-
pacitor is not required as the CL of the crystal matches the input
capacitance of the DP8391
FIGURE 2 Crystal Connection
32 MANCHESTER ENCODER AND DIFFERENTIAL
DRIVER
The encoder combines clock and data information for the
transceiver Data encoding and transmission begins with the
transmit enable input (TXE) going high As long as TXE re-
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com