Electronic Components Datasheet Search
  English  ▼

X  

CIE03 Datasheet(PDF) 4 Page - TEMEX

Part # CIE03
Description  Digital pulse compression module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIE03 Datasheet(HTML) 4 Page - TEMEX

  CIE03 Datasheet HTML 1Page - TEMEX CIE03 Datasheet HTML 2Page - TEMEX CIE03 Datasheet HTML 3Page - TEMEX CIE03 Datasheet HTML 4Page - TEMEX CIE03 Datasheet HTML 5Page - TEMEX CIE03 Datasheet HTML 6Page - TEMEX CIE03 Datasheet HTML 7Page - TEMEX CIE03 Datasheet HTML 8Page - TEMEX CIE03 Datasheet HTML 9Page - TEMEX Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Digital pulse compression module
CI E03
March 15
th, 2013
CI E03 Revision A3
4 / 11
www.rakon.com
Specifications
1.0
Environmental conditions
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Operating temperature range
1.1
Forced air cooling (250 ft/min at sea
level)
VITA 47 Class AC2, FC2
-40
+55
°C
1.2
Conduction cooling with specific
heat sink
VITA 47 Class CC3
-40
+70
°C
1.3
Storage temperature range
VITA 47 Class C2
-40
+85
°C
1.4
Humidity
30 °C (non condensing)
95
% RH
Vibration
1.5
PSD (5 Hz to 100 Hz)
VITA 47 Class V2
increasing at 3 dB/octave g
2/Hz
1.6
PSD (100 Hz ~ 1000 Hz)
VITA 47 Class V2
0.04
g
2/Hz
1.7
PSD (100 Hz ~ 1000 Hz)
VITA 47 Class V2
decreasing at 6 dB/octave g
2/Hz
1.8
Shock
VITA 47, Class OS1
20
g
2.0
Electrical Interface
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Power supply
2.1
Voltage
5.5
13.2
V
2.2
Power dissipation
1
1 or 2 expander channels
operation
5
10
W
2.3
Power dissipation
1
1 compressor channel
operation
8
15
W
2.4
Power dissipation
1
2 compressor channels
operation
9.5
15
W
RF_IN_A / RF_IN_B
2.5
Coupling
AC
2.6
Impedance
50
Ω
2.7
Sampling rate
250
MSPS
2.8
Resolution
12
bits
2.9
Bandwidth
100
MHz
2.10
Input level
8
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com