Electronic Components Datasheet Search
  English  ▼

X  

CIE03 Datasheet(PDF) 5 Page - TEMEX

Part # CIE03
Description  Digital pulse compression module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIE03 Datasheet(HTML) 5 Page - TEMEX

  CIE03 Datasheet HTML 1Page - TEMEX CIE03 Datasheet HTML 2Page - TEMEX CIE03 Datasheet HTML 3Page - TEMEX CIE03 Datasheet HTML 4Page - TEMEX CIE03 Datasheet HTML 5Page - TEMEX CIE03 Datasheet HTML 6Page - TEMEX CIE03 Datasheet HTML 7Page - TEMEX CIE03 Datasheet HTML 8Page - TEMEX CIE03 Datasheet HTML 9Page - TEMEX Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Digital pulse compression module
CI E03
March 15
th, 2013
CI E03 Revision A3
5 / 11
www.rakon.com
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RF_OUT_A / RF_OUT_B
2.11
Coupling
AC
2.12
Impedance
50
Ω
2.13
Sampling rate
250
MSPS
2.14
Resolution
16
bits
2.15
Bandwidth
100
MHz
2.16
Output level
5
dBm
CLK_IN
2.17
Coupling
AC
2.18
Impedance
50
Ω
2.19
Frequency
10
20
2
125
MHz
Status signals (BOARD_OK, INITTIME_ALM, POWER_OK, TEMP_OK)
2.20
Logic high output voltage
IOH = 8 mA
2.9
3.3
V
2.21
Logic low output voltage
IOL = 8 mA
0
0.4
V
Control signals (CLKEXT_EN, N_RST)
2.22
Logic high input voltage
2.0
3.3
V
2.23
Logic low input voltage
0
0.8
V
Power down signal (N_BOARD_PD)
2.24
Logic low input voltage
0
1
V
User signals (USERCLVTx)
2.25
Logic high input voltage
2.0
3.3
V
2.26
Logic low input voltage
0
0.8
V
2.27
Logic high output voltage
IOH = 8 mA
2.9
3.3
V
2.28
Logic low output voltage
IOL = 8 mA
0
0.4
V
User signals (USERFLVTx)
2.29
Logic high input voltage
2.0
3.3
V
2.30
Logic low input voltage
0
0.8
V
2.31
Logic high output voltage
IOH = 2 to 24 mA
(programmable)
2.4
3.3
V
2.32
Logic low output voltage
IOL = 2 to 24 mA
(programmable)
0
0.4
V
User signals (USERFDIFFx, programmed as single 2.5V LVCMOS signals)
2.33
Logic high input voltage
1.7
2.5
V
2.34
Logic low input voltage
0
0.7
V
2.35
Logic high output voltage
IOH = 2 to 24 mA
(programmable)
2.1
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com