Electronic Components Datasheet Search
  English  ▼

X  

HSO14 Datasheet(PDF) 1 Page - TEMEX

Part # HSO14
Description  High Stability Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

HSO14 Datasheet(HTML) 1 Page - TEMEX

  HSO14 Datasheet HTML 1Page - TEMEX HSO14 Datasheet HTML 2Page - TEMEX HSO14 Datasheet HTML 3Page - TEMEX HSO14 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Stability Oscillator series
HSO 14
10
-14 Short-term Stability class OCXO
September 2nd, 2014
Shortform, 51001808.110, Issue A1
1 / 4
www.rakon.com
Specific request can be addressed to RAKON hirel@rakon.com
Product Description
The RAKON “Ground USO” has a short-term stability (Allan Standard Deviation) of 8.10
-14 @5MHz, is in
the 10
-11 stability class over the temperature range of 0°C to +50°C and is available at 5MHz and
10MHz. Its close-in phase noise @1Hz is below -130dBc/Hz for the 5MHz “Ground USO”. The “Ground
USO” is specially designed to meet the request of the calibration and metrology laboratories that have
high stability frequency standards but also the applications that require high performance reference
oscillators.
Features
High Stability Oscillator (HSO), Oven Controlled
Crystal Oscillator (OCXO)
Standard frequencies: 5Mhz, 10MHz
Short-term stability: 8.10-14 (ADEV)
Stability over 0°C to +50°C: 5.10-11
Supply Voltage: +24V
Package: SMA+DE-9P connectors
Ageing: ± 5.10-11 per day
Applications
Reference oscillator for laboratories
Reference oscillator for Masers and Atomic fountains
Specifications
1. Environmental conditions
Parameters
Conditions/remarks
Min
Nom
Max
Unit
Operating Temperature
Max. 1°C / hour
0
25
50
°C
Non-Operating Temperature
0
25
50
°C
Storage Temperature
0
50
°C
Frequency stability after mechanical
shocs
Half sine 30g/11 ms
± 1E-8
Frequency stability after sine
vibrations
10 to 500Hz 10g acceleration
± 5E-9
2. Electrical interface
Parameters
Conditions/remarks
Min
Nom
Max
Unit
Power supply
21.60
24
26.40
V
Load Impedance
47.5
50
52.5
W


Similar Part No. - HSO14

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
HSO14 RAKON-HSO14 Datasheet
722Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-14 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
HSO14SMA10610M RAKON-HSO14SMA10610M Datasheet
722Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-14 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
HSO14SMA1065M RAKON-HSO14SMA1065M Datasheet
722Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-14 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
HSO14SMA10810M RAKON-HSO14SMA10810M Datasheet
722Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-14 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
HSO14SMA1085M RAKON-HSO14SMA1085M Datasheet
722Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-14 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
More results

Similar Description - HSO14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG-1012JA ETC1-HG-1012JA Datasheet
111Kb / 1P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson Company
HG-1000 EPSON-HG-1000 Datasheet
82Kb / 2P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Golledge Electronics Lt...
GXO-3202 GOLLEDGE-GXO-3202 Datasheet
87Kb / 2P
HIGH STABILITY CMOS OSCILLATOR
logo
Epson ToYoCom
TCO-3100 EPSONTOYOCOM-TCO-3100 Datasheet
311Kb / 2P
CRYSTAL OSCILLATOR HIGH-STABILITY
logo
Vanlong Technology Co.,...
PO303 VANLONG-PO303_13 Datasheet
44Kb / 1P
High Stability Crystal Oscillator
logo
Vectron International, ...
MD-173 VECTRON-MD-173_16 Datasheet
723Kb / 6P
High Stability Coefficient Oscillator
logo
Golledge Electronics Lt...
GXO-3301G GOLLEDGE-GXO-3301G Datasheet
602Kb / 6P
1.8V High Stability SM Oscillator
logo
Advanced XTAL Products
AXRB1021 AXTAL-AXRB1021 Datasheet
286Kb / 4P
High Stability Rubidium Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com