Electronic Components Datasheet Search
  English  ▼

X  

HSO14 Datasheet(PDF) 4 Page - TEMEX

Part # HSO14
Description  High Stability Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

HSO14 Datasheet(HTML) 4 Page - TEMEX

  HSO14 Datasheet HTML 1Page - TEMEX HSO14 Datasheet HTML 2Page - TEMEX HSO14 Datasheet HTML 3Page - TEMEX HSO14 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Stability Oscillator series
HSO 14
10
-14 Short-term Stability class OCXO
September 2nd, 2014
Shortform, 51001808.110, Issue A1
4 / 4
www.rakon.com
6. Ordering part number definition
The part number breakdown is defined as follows:
Series
High Stability Oscillator
10
-14 short-term stability class
Package
SMA1 = 2.86”x5.33”3.32”
SMA+DE-9P connectors
HSO14 SMA1
5M
Frequency, fnom
08
ADEV
08 = 08E-14
10 = 10E-14
15 = 15E-14
20 = 20E-14
25 = 25E-14
08 = 08E-14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com