Electronic Components Datasheet Search
  English  ▼

X  

MM54C374 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C374
Description  Octal D-Type Latch Octal D-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C374 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54C374 Datasheet HTML 1Page - National Semiconductor (TI) MM54C374 Datasheet HTML 2Page - National Semiconductor (TI) MM54C374 Datasheet HTML 3Page - National Semiconductor (TI) MM54C374 Datasheet HTML 4Page - National Semiconductor (TI) MM54C374 Datasheet HTML 5Page - National Semiconductor (TI) MM54C374 Datasheet HTML 6Page - National Semiconductor (TI) MM54C374 Datasheet HTML 7Page - National Semiconductor (TI) MM54C374 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AC Electrical Characteristics
MM54C373MM74C373 TA e 25 C CL e 50 pF tr e tf e 20 ns unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0 tpd1
Propagation Delay
VCC e 5V CL e 50 pF
165
330
ns
LATCH ENABLE to Output
VCC e 10V CL e 50 pF
70
140
ns
VCC e 5V CL e 150 pF
195
390
ns
VCC e 10V CL e 150 pF
85
170
ns
tpd0 tpd1
Propagation Delay Data
LATCH ENABLE e VCC
In to Output
VCC e 5V CL e 50 pF
155
310
ns
VCC e 10V CL e 50 pF
70
140
ns
VCC e 5V CL e 150 pF
185
370
ns
VCC e 10V CL e 150 pF
85
170
ns
tSET-UP
Minimum Set-Up Time Data In
tHOLD e 0ns
to CLOCKLATCH ENABLE
VCC e 5V
70
140
ns
VCC e 10V
35
70
ns
fMAX
Maximum LATCH ENABLE
Frequency
VCC e 5V
35
67
MHz
VCC e 10V
45
90
MHz
tPWH
Minimum LATCH ENABLE
VCC 5V
75
150
ns
Pulse Width
VCC e 10V
55
110
ns
tr tf
Maximum LATCH ENABLE
VCC e 5V
NA
m
s
Rise and Fall Time
VCC e 10V
NA
m
s
t1H t0H
Propagation Delay OUTPUT
RL e 10k CL e 5pF
DISABLE to High Impedance
VCC e 5V
105
210
ns
State (from a Logic Level)
VCC e 10V
60
120
ns
tH1 tH0
Propagation Delay OUTPUT
RL e 10k CL e 50 pF
DISABLE to Logic Level
VCC e 5V
105
210
ns
(from High Impedance State)
VCC e 10V
45
90
ns
tTHL tTLH
Transition Time
VCC e 5V CL e 50 pF
65
130
ns
VCC e 10V CL e 50 pF
35
70
ns
VCC e 5V CL e 150 pF
110
220
ns
VCC e 10V CL e 150 pF
70
140
ns
CLE
Input Capacitance
LE Input (Note 2)
75
10
pF
COD
Input Capacitance
OUTPUT DISABLE
75
10
pF
Input (Note 2)
CIN
Input Capacitance
Any Other Input (Note 2)
5
75
pF
COUT
Output Capacitance
High Impedance
10
15
pF
State (Note 2)
CPD
Power Dissipation Capacitance
Per Package (Note 3)
200
pF
AC Parameters are guaranteed by DC correlated testing
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com