Electronic Components Datasheet Search
  English  ▼

X  

MM54C374 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C374
Description  Octal D-Type Latch Octal D-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C374 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM54C374 Datasheet HTML 1Page - National Semiconductor (TI) MM54C374 Datasheet HTML 2Page - National Semiconductor (TI) MM54C374 Datasheet HTML 3Page - National Semiconductor (TI) MM54C374 Datasheet HTML 4Page - National Semiconductor (TI) MM54C374 Datasheet HTML 5Page - National Semiconductor (TI) MM54C374 Datasheet HTML 6Page - National Semiconductor (TI) MM54C374 Datasheet HTML 7Page - National Semiconductor (TI) MM54C374 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics (Continued)
MM54C374MM74C374 TA e 25 C CL e 50 pF tr e tf e 20 ns unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0 tpd1
Propagation Delay
VCC e 5V CL e 50 pF
150
300
ns
CLOCK to Output
VCC e 10V CL e 50 pF
65
130
ns
VCC e 5V CL e 150 pF
180
360
ns
VCC e 10V CL e 150 pF
80
160
ns
tSET-UP
Minimum Set-Up Time Data In
tHOLD e 0ns
to CLOCKLATCH ENABLE
VCC e 5V
70
140
ns
VCC e 10V
35
70
ns
tPWH tPWL
Minimum CLOCK Pulse Width
VCC e 5V
70
140
ns
VCC e 10V
50
100
ns
fMAX
Maximum CLOCK Frequency
VCC e 5V
35
70
MHz
VCC e 10V
5
10
MHz
t1H t0H
Propagation Delay OUTPUT
RL e 10k CL e 50 pF
DISABLE to High Impedance
VCC e 5V
105
210
ns
State (from a Logic Level)
VCC e 10V
60
120
ns
tH1 tH0
Propagation Delay OUTPUT
RL e 10k CL e 50 pF
DISABLE to Logic Level
VCC e 5V
105
210
ns
(from High Impedance State)
VCC e 10V
45
90
ns
tTHL tTLH
Transition Time
VCC e 5V CL e 50 pF
65
130
ns
VCC e 10V CL e 50 pF
35
70
ns
VCC e 5V CL e 150 pF
110
220
ns
VCC e 10V CL e 150 pF
70
140
ns
tr tf
Maximum CLOCK Rise
VCC e 5V
15
l
2000
m
s
and Fall Time
VCC e 10V
5
l
2000
m
s
CCLK
Input Capacitance
CLOCK Input (Note 2)
75
10
pF
COD
Input Capacitance
OUTPUT DISABLE
75
10
pF
Input (Note 2)
CIN
Input Capacitance
Any Other Input (Note 2)
5
75
pF
COUT
Output Capacitance
High Impedance
10
15
pF
State (Note 2)
CPD
Power Dissipation Capacitance
Per Package (Note 3)
250
pF
AC Parameters are guaranteed by DC correlated testing
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application Note
AN-90
Note 4
These are peak output current capabilities Continuous output current is rated at 12 mA max
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com