Electronic Components Datasheet Search
  English  ▼

X  

EPA480 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EPA480
Description  DC-6GHz High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EPA480 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EPA480 Datasheet HTML 1Page - List of Unclassifed Manufacturers EPA480 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
$ &#







Excelics
EPA480C-SOT89
DATA SHEET
DC-6GHz High Efficiency Heterojunction Power FET
Features
•
LOW COST SURFACE-MOUNT PLASTIC PACKAGE
•
+36dBm TYPICAL OUTPUT POWER
•
13.0dB TYPICAL POWER GAIN AT 2GHz
•
0.5dB TYPICAL NOISE FIGURE AT 2GHz
•
+43dBm TYPICAL OUTPUT 3rd ORDER INTERCEPT
POINT AT 2GHz
•
0.4 X 4800 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL HETEROJUNCTION PROFILE
PROVIDES EXTRA HIGH POWER EFFICIENCY
AND HIGH RELIABILITY
Applications
•
Analog and Digital Wireless System
•
High Dynamic Range LNA
•
HPA
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Compression
f = 2GHz
Vds=8V, Ids=750mA
34.5
36.0
dBm
G1dB
Gain at 1dB Compression
f = 2GHz
Vds=8V, Ids=750mA
11.0
13.0
dB
PAE
Power Added Efficiency at 1dB Compression
Vds=8V, Ids=750mA
f = 2GHz
50
%
NF
Noise Figure
f = 2GHz
Vds=5V, Ids=300mA
Vds=5-8V, Ids=750mA
0.5
1.2
dB
IP3
Output 3rd Order Intercept Point
f = 2GHz
Vds=5-8V, Ids=750mA
Vds=5V, Ids=300mA
43
41
dBm
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
880
1440
1880
mA
Gm
Transconductance
Vds=3V, Vgs=0V
960
1560
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=14mA
-1.0
-2.5
V
BVgd
Drain Breakdown Voltage Igd=4.8mA
-11
-15
V
BVgs
Source Breakdown Voltage Igs=4.8mA
-7
-14
V
Rth
Thermal Resistance
14*
oC/W
* Overall Rth depends on case mounting.
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12V
8V
Vgs
Gate-Source Voltage
-8V
-3V
Ids
Drain Current
Idss
1.05A
Igsf
Forward Gate Current
240mA
40mA
Pin
Input Power
33dBm
@ 3dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
10 W
8.4 W
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
(Top View)
All Dimensions In Mils


Similar Part No. - EPA480

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EPA480B EXCELICS-EPA480B Datasheet
57Kb / 2P
High Efficiency Heterojunction Power FET
EPA480BV EXCELICS-EPA480BV Datasheet
57Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C-180F EXCELICS-EPA480C-180F Datasheet
30Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C-CP083 EXCELICS-EPA480C-CP083 Datasheet
33Kb / 2P
High Efficiency Heterojunction Power FET
More results

Similar Description - EPA480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA240D-SOT89 ETC-EPA240D-SOT89 Datasheet
200Kb / 2P
DC-6GHz High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com