Electronic Components Datasheet Search
  English  ▼

X  

EPA480 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EPA480
Description  DC-6GHz High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EPA480 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EPA480 Datasheet HTML 1Page - List of Unclassifed Manufacturers EPA480 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EPA480C-SOT89
DATA SHEET
DC-6GHz High Efficiency Heterojunction Power FET
Typical Performance
S21 Distribution
Noise Figure & IP3
S-PARAMETERS
S-PARAMETERS
8V, 750mA
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.917 -118.9
31.148
119.1
0.017
41.6
0.696 -165.9
0.2
0.918 -146.6
17.708
102.7
0.015
28.6
0.720 -172.5
0.3
0.935 -159.4
12.132
94.9
0.017
30.6
0.722 -176.2
0.4
0.935 -166.5
9.200
89.6
0.017
33.5
0.725 -178.9
0.5
0.931 -172.0
7.382
85.7
0.018
33.9
0.724
179.3
1.0
0.921
174.2
3.742
71.2
0.027
42.4
0.711
171.5
1.5
0.876
161.6
3.201
60.2
0.047
43.1
0.629
158.9
2.0
0.866
152.3
2.452
49.3
0.061
40.0
0.622
151.8
2.5
0.850
144.2
2.053
38.7
0.076
35.2
0.607
145.2
3.0
0.843
135.1
1.821
27.3
0.093
28.8
0.578
137.7
3.5
0.829
123.0
1.654
14.5
0.112
20.0
0.548
129.0
4.0
0.814
108.9
1.524
0.4
0.132
9.3
0.545
117.8
4.5
0.820
94.0
1.364
-14.5
0.146
-2.5
0.552
104.8
5.0
0.834
80.8
1.206
-28.1
0.156
-13.9
0.575
91.8
5.5
0.850
70.4
1.070
-40.1
0.163
-23.9
0.594
79.5
6.0
0.857
62.6
0.969
-51.4
0.170
-34.4
0.615
68.0
6.5
0.868
54.4
0.892
-61.9
0.174
-42.0
0.642
57.3
7.0
0.869
43.7
0.845
-73.0
0.185
-50.8
0.653
48.8
7.5
0.873
30.2
0.791
-85.9
0.192
-60.6
0.660
39.0
8.0
0.863
16.3
0.705
-98.8
0.201
-70.6
0.657
26.9
8.5
0.863
5.8
0.621 -109.3
0.199
-84.0
0.676
15.0
9.0
0.872
-1.7
0.547 -118.7
0.183
-94.7
0.696
5.3
9.5
0.869
-6.7
0.484 -126.2
0.179 -102.3
0.696
-2.9
10.0
0.860
-9.5
0.439 -134.2
0.163 -115.2
0.700
-7.4
5V, 150mA
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.928 -112.1
28.454
121.6
0.018
41.0
0.675 -161.0
0.2
0.931 -143.9
16.571
104.7
0.020
33.2
0.744 -169.5
0.3
0.938 -157.7
11.424
96.5
0.020
26.5
0.747 -174.5
0.4
0.937 -165.4
8.690
91.0
0.023
26.6
0.754 -178.0
0.5
0.932 -171.2
6.989
87.0
0.024
27.2
0.756
180.0
1.0
0.918
174.6
3.558
72.4
0.032
33.9
0.747
171.4
1.5
0.872
162.1
3.066
61.6
0.051
35.7
0.674
158.7
2.0
0.862
152.7
2.349
50.9
0.065
33.2
0.666
151.2
2.5
0.845
144.5
1.971
40.4
0.080
30.0
0.653
144.1
3.0
0.837
135.4
1.756
29.0
0.097
23.3
0.625
136.1
3.5
0.823
123.2
1.597
16.5
0.116
15.0
0.593
126.9
4.0
0.807
109.1
1.475
2.5
0.135
5.1
0.589
115.5
4.5
0.814
94.2
1.325
-12.2
0.148
-6.4
0.596
102.2
5.0
0.828
80.9
1.172
-25.6
0.157
-17.9
0.616
89.5
5.5
0.843
70.6
1.042
-37.6
0.164
-27.6
0.633
77.1
6.0
0.850
62.8
0.943
-48.5
0.171
-37.7
0.650
65.6
6.5
0.861
54.6
0.871
-58.9
0.174
-45.5
0.674
55.0
7.0
0.861
43.9
0.827
-69.7
0.185
-54.0
0.684
46.7
7.5
0.864
30.5
0.778
-82.4
0.192
-63.4
0.687
36.6
8.0
0.857
16.7
0.697
-95.2
0.199
-73.1
0.684
24.5
8.5
0.857
6.1
0.618 -105.6
0.197
-86.1
0.699
13.3
9.0
0.869
-1.4
0.545 -115.0
0.183
-96.5
0.718
3.4
9.5
0.864
-6.5
0.487 -122.7
0.178 -104.6
0.720
-4.4
10.0
0.856
-9.2
0.439 -130.6
0.163 -117.5
0.715
-9.0
EPA480C-S OT89
(5V, 2GH z)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
200
400
600
800
Ids [mA]
0
10
20
30
40
50
NF
IP3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com