Electronic Components Datasheet Search
  English  ▼

X  

ST7MC-KIT Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7MC-KIT
Description  Softec?셲 complete motor control starter kit for ST7MC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC-KIT Datasheet(HTML) 1 Page - STMicroelectronics

  ST7MC-KIT Datasheet HTML 1Page - STMicroelectronics ST7MC-KIT Datasheet HTML 2Page - STMicroelectronics ST7MC-KIT Datasheet HTML 3Page - STMicroelectronics ST7MC-KIT Datasheet HTML 4Page - STMicroelectronics ST7MC-KIT Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2011
Doc ID 11587 Rev 2
1/5
5
ST7MC-KIT/BLDC
Softec’s complete motor control starter kit for ST7MC
Features
■ Motor control board
– Motor and board input power stage
– Optoisolation board
– Auxiliary power supply and voltage
rectification
– Push buttons, trimmers for standalone
operation
– Hall sensor input
– Three-phase outputs to motor
– Tachometer input for closed-loop controlled
AC motors
– 10-pin ICC connector for in-circuit
programming and in-circuit debugging
– Prototyping area
– RS-232 connector
■ Control panel software
– Parameter configuration for BLDC and 3-
phase induction motors
– Basic settings interface for configuring
motor, start-up and real time parameters
– Advanced settings interface for configuring
frequency, speed range, stop conditions,
etc.
– Outputs header files for your application
taking into account modifications to the
configuration
■ STXF-INDART/USB
– 10-pin ICC connection
– USB connection to host PC
– Two breakpoints
– Advanced breakpoints on data, access
type, access range, stack.
Description
The Softec motor control starter kit for ST7MC
(ST ordering code: ST7MC-KIT/BLDC) is an
integrated system designed to provide you with a
complete, ready-to-use motor control application
for the ST7MC family of microcontrollers. It allows
real-time control of three-phase brushless DC and
AC motors in all control topologies from a PC-
based GUI, or in standalone operation.
The control panel software provides an easy-to-
use interface to configure, start and run the motor,
modify parameters and evaluate ST7FMC motor
control features, then generate header files for
your own motor control application.
The kit also comes with the STXF-INDART/USB
in-circuit debugger/programmer and STVD7
integrated development environment that allow
you to take advantage of the ST7FMC’s on-chip
resources for in-circuit programming and in-circuit
debugging.
For further information about the motor control
starter kit, please refer to www.st.com/mcu, or the
Softec internet site www.softecmicro.com.
For more information about inDART in-circuit
debuggers/programmers, please refer to the
ST7xxxx-INDART Data Brief.
Figure 1.
Motor control starter kit for ST7
www.st.com


Similar Part No. - ST7MC-KIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
Rev 11
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST7MC1K2-Auto STMICROELECTRONICS-ST7MC1K2-Auto Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST7MC1K2T6 STMICROELECTRONICS-ST7MC1K2T6 Datasheet
5Mb / 308P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
Rev 11
ST7MC1K2TC STMICROELECTRONICS-ST7MC1K2TC Datasheet
5Mb / 308P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
Rev 11
More results

Similar Description - ST7MC-KIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7XXXX-SK STMICROELECTRONICS-ST7XXXX-SK Datasheet
76Kb / 4P
Raisonance?셲 complete, low-cost starter kits for ST7
21-Jun-2006
AN1905 STMICROELECTRONICS-AN1905 Datasheet
1Mb / 77P
ST7MC THREE-PHASE BLDC MOTOR CONTROL SOFTWARE LIBRARY
12-Jul-2007
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
Motor control starter kit
17-Sep-2010
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
Motor control starter kit
01-Sep-2011
logo
Microchip Technology
PIC32MX MICROCHIP-PIC32MX Datasheet
1Mb / 48P
PIC32MX Starter Kit User?셲 Guide
02/04/09
logo
STMicroelectronics
AN1953 STMICROELECTRONICS-AN1953 Datasheet
222Kb / 20P
PFC for ST7MC starter kit
16-Jul-2007
logo
Renesas Technology Corp
RSKRL78G14 RENESAS-RSKRL78G14 Datasheet
1Mb / 35P
Renesas Starter Kit User?셲 Manual
logo
STMicroelectronics
STM8-MCKIT STMICROELECTRONICS-STM8-MCKIT Datasheet
54Kb / 4P
STM8/128-MCKIT motor control starter kit
27-Oct-2010
UM1452 STMICROELECTRONICS-UM1452 Datasheet
133Kb / 12P
STM32100B-MCKIT motor control starter kit
16-Sep-2011
128-MCKIT STMICROELECTRONICS-128-MCKIT Datasheet
55Kb / 4P
STM8/128-MCKIT motor control starter kit
October 2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com