Electronic Components Datasheet Search
  English  ▼

X  

ST7MC-KIT Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST7MC-KIT
Description  Softec?셲 complete motor control starter kit for ST7MC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC-KIT Datasheet(HTML) 3 Page - STMicroelectronics

  ST7MC-KIT Datasheet HTML 1Page - STMicroelectronics ST7MC-KIT Datasheet HTML 2Page - STMicroelectronics ST7MC-KIT Datasheet HTML 3Page - STMicroelectronics ST7MC-KIT Datasheet HTML 4Page - STMicroelectronics ST7MC-KIT Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ST7MC-KIT/BLDC
Starter kit architecture
Doc ID 11587 Rev 2
3/5
1.4
STXF-INDART/USB
In-circuit debugging and in-circuit programming tool that provides the hardware interface
with the host PC via USB and with your ST7FMC via 10-pin in-circuit communication (ICC)
connection.
1.5
STVD7 for inDART
Integrated development environment for writing, building and debugging your application.
1.6
Optoisolation board
Board with two 10-pin ICC connectors (In/Out) provides galvanic isolation between the in-
circuit debugging/programming tool and any target board supplied by high voltage. It is
included with the motor control starter kit, or can be ordered separately (ST ordering code:
ST7-ICC/OPTOISOL).
1.7
Induction motor
240V/800W Selni three-phase induction motor for use with the motor control starter kit using
induction motor default values (for evaluation purposes). It is not included with the kit, but
can be ordered separately (ST ordering code: ST7MC-MOT/IND).



Html Pages

1 2 3 4 5