Electronic Components Datasheet Search
  English  ▼

X  

ST25R3911B Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 66Page - STMicroelectronics ST25R3911B Datasheet HTML 67Page - STMicroelectronics ST25R3911B Datasheet HTML 68Page - STMicroelectronics ST25R3911B Datasheet HTML 69Page - STMicroelectronics ST25R3911B Datasheet HTML 70Page - STMicroelectronics ST25R3911B Datasheet HTML 71Page - STMicroelectronics ST25R3911B Datasheet HTML 72Page - STMicroelectronics ST25R3911B Datasheet HTML 73Page - STMicroelectronics ST25R3911B Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 129 page
background image
Functional overview
ST25R3911B
70/129
DocID029656 Rev 2
Supported number of sub-carrier frequency periods in one reporting period range from two
to eight.
Start of receive interrupt is sent and the first data bit is put in FIFO after the first reporting
time period with sub-carrier is detected. One bit of FIFO data gives information about status
of input signal during one reporting period. Logic 1 means that the sub-carrier was detected
during reporting period, while 0 means that no modulation was detected during reporting
period. End of receive is reported when no sub-carrier signal in more than eight reporting
periods have been detected.
Figure 27 shows an example for setting scf = 01b and scp = 10b. With this setting the
sub-carrier frequency is set to fc/32 (424 kHz) and the reporting period to four sub-carrier
periods (128/fc ~106 μs).
Figure 27. Example of sub-carrier stream mode for scf = 01b and scp = 10b
BPSK Stream Mode
This mode supports protocols where during the tag to reader communication BPSK code is
used (like in the ISO14443B mode).
In this mode the sub-carrier frequency and number of sub-carrier frequency periods in one
reporting period is defined. Sub-carrier frequency in the range from fc/16 (848 kHz) to fc/4
(3390 kHz) are supported. Supported number of sub-carrier frequency periods in one
reporting period range from one to eight.
Start of receive interrupt is sent and the first data bit is put in FIFO after the first reporting
time period with sub-carrier is detected. Logic 0 is used for the initially detected phase, while
logic 1 indicates inverted phase comparing to the initial phase.
End of receive is reported when the first reporting period without sub-carrier is detected.
Figure 28 shows an example for setting scf = 01b and scp = 01b. With this setting the sub-
carrier frequency is set to fc/8 (1695 kHz) and the reporting period to two sub-carrier periods
(16/fc ~1.18 μs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com