Electronic Components Datasheet Search
  English  ▼

X  

ST25R3911B Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 14Page - STMicroelectronics ST25R3911B Datasheet HTML 15Page - STMicroelectronics ST25R3911B Datasheet HTML 16Page - STMicroelectronics ST25R3911B Datasheet HTML 17Page - STMicroelectronics ST25R3911B Datasheet HTML 18Page - STMicroelectronics ST25R3911B Datasheet HTML 19Page - STMicroelectronics ST25R3911B Datasheet HTML 20Page - STMicroelectronics ST25R3911B Datasheet HTML 21Page - STMicroelectronics ST25R3911B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 129 page
background image
Functional overview
ST25R3911B
18/129
DocID029656 Rev 2
In case the demodulation is done externally, it is possible to multiplex the LF signals applied
to pins RFI1 and RFI2 directly to the gain and filtering stage by selecting the Receiver
Configuration Register 2 bit lf_en.
Filtering and gain stages
The receiver chain has band pass filtering characteristics. Filtering is optimized to pass
sub-carrier frequencies while rejecting carrier frequency and low frequency noise and DC
component. Filtering and gain is implemented in three stages, where the first and the last
stage have first order high pass characteristics, and the second stage has second order low
pass characteristic.
Gain and filtering characteristics can be optimized by writing the Receiver Configuration
Register 1 (filtering), the Receiver Configuration Register 3 (gain in first stage) and the
Receiver Configuration Register 4 (gain in second and third stage).
The gain of the first stage is about 20 dB and can be reduced in six 2.5 dB steps. There is
also a special boost mode available, which boosts the maximum gain by additional 5.5 dB.
In case of VHBR (fc/8 and fc/4) the gain is lower. The first stage gain can only be modified
by writing Receiver Configuration Register 3. The default setting of this register is the
minimum gain. The default first stage zero is set at 60 kHz, it can also be lowered to 40 kHz
or to 12 kHz by writing option bits in the Receiver Configuration Register 1. The control of
the first and third stage zeros is done with common control bits (see Table 1).
The gain in the second and third stage is 23 dB and can be reduced in six 3 dB steps. The
gain of these two stages is included in the AGC and Squelch loops. It can also be manually
set in Receiver Configuration Register 4. Sending of direct command Reset Rx Gain is
necessary to reset the AGC, Squelch and RSSI block. Sending this command clears the
current Squelch setting and loads the gain reduction configuration from Receiver
Configuration Register 4 into the internal shadow registers of the AGC and Squelch block.
The second stage has a second order low pass filtering characteristic, the pass band is
adjusted according to the sub-carrier frequency using the bits lp2 to lp0 of the Receiver
Configuration Register 1.
See Table 2 for -1 dB cut-off frequency for different settings.
Table 1. First and third stage zero setting
rec1<2> h200
rec1<1> h80
rec1<0> z12k
First stage zero
Third stage zero
0
0
0
60 kHz
400 kHz
1
0
0
60 kHz
200 kHz
0
1
0
40 kHz
80 kHz
0
0
1
12 kHz
200 kHz
0
1
1
12 kHz
80 kHz
1
0
1
12 kHz
200 kHz
Others
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com