Electronic Components Datasheet Search
  English  ▼

X  

G781 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # G781
Description  짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G781 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button G781 Datasheet HTML 3Page - List of Unclassifed Manufacturers G781 Datasheet HTML 4Page - List of Unclassifed Manufacturers G781 Datasheet HTML 5Page - List of Unclassifed Manufacturers G781 Datasheet HTML 6Page - List of Unclassifed Manufacturers G781 Datasheet HTML 7Page - List of Unclassifed Manufacturers G781 Datasheet HTML 8Page - List of Unclassifed Manufacturers G781 Datasheet HTML 9Page - List of Unclassifed Manufacturers G781 Datasheet HTML 10Page - List of Unclassifed Manufacturers G781 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Ver: 1.0
Oct 02, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
7
Global Mixed-mode Technology Inc.
G781
If software standby command is received while a con-
version is in progress, the conversion cycle is trun-
cated, and the data from that conversion is not latched
into either temperature reading register. The previous
data is not changed and remains available.
Supply-current drain during the 125ms conversion
period is always about 320µA. Slowing down the con-
version rate reduces the average supply current (see
Typical Operating Characteristics). In between con-
versions, the instantaneous supply current is about
25µA due to the current consumed by the conversion
rate timer. In standby mode, supply current drops to
about 3µA. At very low supply voltages (under the
power-on-reset threshold), the supply current is higher
due to the address pin bias currents. It can be as high
as 100µA, depending on ADD0 and ADD1 settings.
SMBus Digital Interface
From a software perspective, the G781 appears as a
set of byte-wide registers that contain temperature
data, alarm threshold values, or control bits, A stan-
dard SMBus 2-wire serial interface is used to read
temperature data and write control bits and alarm
threshold data.
Each A/D channel within the device responds to the
same SMBus slave address for normal reads and
writes.
The G781 employs four standard SMBus protocols:
Write Byte, Read Byte, Send Byte, and Receive Byte
(Figure 3). The shorter Receive Byte protocol allows
quicker transfers, provided that the correct data regis-
ter was previously selected by a Read Byte instruction.
Use caution with the shorter protocols in multi-master
systems, since a second master could overwrite the
command byte without informing the first master.
The temperature data format is 11bits plus sign in
twos-complement form for remote channel, with each
data bit representing 0.125°C (Table 2,Table 3),
transmitted MSB first.
Table 2. Temperature Data Format
(Two’s-Complement)
DIGITAL OUTPUT
DATA BITS
TEMP.
(°C)
SIGN
MSB
LSB
EXT
+127.875
0
111
1111
111
+126.375
0
111
1110
011
+25.5
0
001
1001
100
+1.75
0
000
0001
110
+0.5
0
000
0000
100
+0.125
0
000
0000
001
-0.125
1
111
1111
111
-1.125
1
111
1110
111
-25.5
1
110
0110
100
-55.25
1
100
1000
110
-65.000
1
011
1111
000
Table 3. Extended Temperature Data Format
EXTENDED
RESOLUTION
DATA BITS
0.000°C
0000 0000
0.125°C
0010 0000
0.250°C
0100 0000
0.375°C
0110 0000
0.500°C
1000 0000
0.625°C
1010 0000
0.750°C
1100 0000
0.875°C
1110 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com