Electronic Components Datasheet Search
  English  ▼

X  

G781 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G781
Description  짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G781 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G781 Datasheet HTML 1Page - List of Unclassifed Manufacturers G781 Datasheet HTML 2Page - List of Unclassifed Manufacturers G781 Datasheet HTML 3Page - List of Unclassifed Manufacturers G781 Datasheet HTML 4Page - List of Unclassifed Manufacturers G781 Datasheet HTML 5Page - List of Unclassifed Manufacturers G781 Datasheet HTML 6Page - List of Unclassifed Manufacturers G781 Datasheet HTML 7Page - List of Unclassifed Manufacturers G781 Datasheet HTML 8Page - List of Unclassifed Manufacturers G781 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ver: 1.0
Oct 02, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
Global Mixed-mode Technology Inc.
G781
Absolute Maximum Ratings
VCC to GND………….….……..………….-0.3V to +6V
DXP to GND……….……………..…-0.3V to VCC + 0.3V
DXN to GND……………..……………..-0.3V to +0.8V
SMBCLK, SMBDATA, ALERT to GND..…-0.3V to +6V
SMBDATA, ALERT Current………….-1mA to +50mA
DXN Current……………………..………………….±1mA
ESD Protection (SMBCLK, SMBDATA, ALERT , human
body model).……………………………………….2000V
ESD Protection (other pins, human body model)..2000V
Continuous Power Dissipation (TA = +70°C) ..SOP
(derate 8.30mW/°C above +70°C)…………......667mW
Operating Temperature Range………-20°C to +120°C
Junction Temperature………………….………..+150°C
Storage temperature Range………….-65°C to +165°C
Lead Temperature (soldering, 10sec)……..……...+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the opera-
tional sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Electrical Characteristics
(VCC = + 3.3V, TA = 0°C to +85°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN TYP MAX UNITS
TR = +60°C to +100°C, VCC = 3.0V to 3.6V
-1
+1
Temperature Error, Remote Di-
ode (Note 1)
TR = 0°C to +125°C (Note 2)
-3
+3
°C
TA = +60°C to +100°C
-3
+3
Temperature Error, Local Diode
TA = 0°C to +85°C (Note 2)
-5
+5
°C
Supply-Voltage Range
3.0
5.5
V
Undervoltage Lockout Threshold VCC input, disables A/D conversion, rising edge
2.8
V
Undervoltage Lockout Hysteresis
50
mV
Power-On Reset Threshold
VCC, falling edge
1.7
V
POR Threshold Hysteresis
50
mV
SMBus static
3
Standby Supply Current
Logic inputs forced to VCC or GND Hardware or software
standby, SMBCLK at 10kHz
4
µA
0.5 conv/sec
35
Average Operating Supply
Current
Auto-convert mode. Logic inputs
forced to VCC or GND
8.0 conv/sec
320
µA
Conversion Time
From stop bit to conversion complete (both channels)
125
ms
Conversion Rate Timing
Conversion-Rate Control Byte=04h, 1Hz
1
sec
High level
176
Remote-Diode Source Current
DXP forced to 1.5V
Low level
11
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com