Electronic Components Datasheet Search
  English  ▼

X  

GS1085 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GS1085
Description  3A Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1085 Datasheet(HTML) 1 Page - Vishay Siliconix

  GS1085 Datasheet HTML 1Page - Vishay Siliconix GS1085 Datasheet HTML 2Page - Vishay Siliconix GS1085 Datasheet HTML 3Page - Vishay Siliconix GS1085 Datasheet HTML 4Page - Vishay Siliconix GS1085 Datasheet HTML 5Page - Vishay Siliconix GS1085 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GS1085
Vishay
formerly General Semiconductor
3A Low Dropout Positive Adjustable Regulator
New Product
Document Number 74821
www.vishay.com
24-May-02
1
Description
The GS1085 is a low dropout three terminal regulator with
3A output current capability. The output voltage is
adjustable with the use of a resistor divider. For fixed output
voltage versions, the output voltage is internally set at
1.8V, 2.5V, or 3.3V. Dropout is guaranteed at a maximum
of 1.4V at maximum output current. Its low dropout voltage
and fast transient response make it ideal for low voltage
microprocessor applications. Internal current and thermal
limiting provides protection against any overload condition
that would create excessive junction temperatures.
Applications
• Post Regulator for Switching Supply
• Microprocessor Power Supplies
• Constant-Current Regulators
• Motherboard I/O Power Supplies
Mechanical Data
Case: TO-220AB, TO-263AB (D2PAK),
TO-252 (DPAK)
High temperature soldering guaranteed:
260°C/10 seconds at terminals
Case outlines are on the back page
+
+
--
For
fixed
voltage
device
Thermal
Limit
Current
Amp
Current
Limit
GM
VOUT
VIN
ADJ
GND
VREF
1.25V
55
µA
Functional Block Diagram
Features
• Dropout Voltage 1.3V at 3A Output Current
• Fast Transient Response
• Line Regulation typically at 0.015%
• Load Regulation typically at 0.1%
• Internal thermal and current limiting
• Adjustable Output Voltage or Fixed 1.8V, 2.5V, 3.3V
• Standard 3-Pin Power Packages
TO-220AB
TO-263AB
(D2Pak)
GS1085CT
GS1085CM
GS1085CE
TO-252
(DPak)
1
2
3
1
2
3
1
2
3
Pin Definition
1. Adjust/Gnd.
2. Vout (tab)
3. Vin


Similar Part No. - GS1085

ManufacturerPart #DatasheetDescription
logo
Globaltech Semiconducto...
GS1085 GLOBALTECH-GS1085 Datasheet
647Kb / 7P
3A Linear Regulator
Version_2.2
GS1085CLDF GLOBALTECH-GS1085CLDF Datasheet
647Kb / 7P
3A Linear Regulator
Version_2.2
logo
List of Unclassifed Man...
GS1085L ETC-GS1085L Datasheet
1Mb / 11P
3A Low Dropout Voltage Regulator
Version_1.2
GS1085LD ETC-GS1085LD Datasheet
1Mb / 11P
3A Low Dropout Voltage Regulator
Version_1.2
GS1085LD15F ETC-GS1085LD15F Datasheet
1Mb / 11P
3A Low Dropout Voltage Regulator
Version_1.2
More results

Similar Description - GS1085

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085 Datasheet
59Kb / 7P
3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1030 IRF-IRU1030 Datasheet
70Kb / 11P
3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Linear Technology
RH1085 LINER-RH1085 Datasheet
64Kb / 4P
3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
3A Low Dropout Positive Adjustable Regulator
logo
E-Tech Electronics LTD
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Linear Technology
RH1085 LINER-RH1085_15 Datasheet
83Kb / 6P
3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
3A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com