Electronic Components Datasheet Search
  English  ▼

X  

GS1085 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # GS1085
Description  3A Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1085 Datasheet(HTML) 4 Page - Vishay Siliconix

  GS1085 Datasheet HTML 1Page - Vishay Siliconix GS1085 Datasheet HTML 2Page - Vishay Siliconix GS1085 Datasheet HTML 3Page - Vishay Siliconix GS1085 Datasheet HTML 4Page - Vishay Siliconix GS1085 Datasheet HTML 5Page - Vishay Siliconix GS1085 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GS1085
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74821
4
24-May-02
--0.10
0.10
--0.05
0.05
0
--0.15
--0.20
20
40
60
80
100
120
Fig. 2 – Load Regulation
vs. Temperature
Temperature (
°C)
0
20
40
60
80
100
--50
--25
0
25
50
75
100
125
Fig. 4 – Adjust Pin Current
Temperature (
°C)
0
--1.0
--0.75
--0.5
--0.25
0.25
0.5
0.0
0.75
1.0
--20
0
20
40
60
80
100
120
140
Fig. 5 – Temperature Stability
Temperature (
°C)
Iout = 0.5A
IOUT = 3A
0.5
1.0
2
2.5
3.0
1.5
Output Current (A)
1.20
1.18
1.16
1.14
1.12
1.10
1.08
1.06
1.22
0
100
1K
100K
10K
1M
Fig. 6 – Ripple Rejection
(with Cadj 25µF)
Frequency (Hz)
20
30
40
50
60
70
80
10
12
4
5
6
3
Fig. 3 – Minimum Load Current
(Adjustable Version)
Input / Output Differential Voltage (V)
2
4
6
8
10
0
TJ = 0°C
TJ = 25°C
TJ = 125°C
Fig. 1 – Dropout Voltage
vs. Output Current
COUT = 25
µF
COUT = 25
µF
COUT = 10
µF
COUT = 10µF
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com