Electronic Components Datasheet Search
  English  ▼

X  

HMC309MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC309MS8
Description  2.4 GHz FRONT-END LNA / SWITCH IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC309MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC309MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1 - 109
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
1
2.4 GHz FRONT-END LNA / SWITCH IC
-20
-15
-10
-5
0
5
10
11.5
2
2.5
3
3.5
4
S21
S11
S22
FREQUENCY (GHz)
ANT
Rx
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2.2
2.3
2.4
2.5
2.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
2.2
2.3
2.4
2.5
2.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
-10 -9-8
-7
-6-5
-4-3
-2-1
0
1
2
3
4
5
Output Power
Gain
INPUT POWER (dBm)
0
1
2
3
4
5
6
7
8
9
10
2.2
2.3
2.4
2.5
2.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
LNA Broadband Gain & Return Loss
LNA Output Match @ Rx vs.
Temperature
LNA Power Compression
@ 2.4 GHz
LNA Gain vs. Temperature,
ANT to Rx
LNA Noise Figure vs Temperature
ANT to Rx
-10
-8
-6
-4
-2
0
2.2
2.3
2.4
2.5
2.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
LNA Input Match @ ANT vs.
Temperature
HMC309MS8
V
01.0900



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com