Electronic Components Datasheet Search
  English  ▼

X  

HMC309MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC309MS8
Description  2.4 GHz FRONT-END LNA / SWITCH IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC309MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC309MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1 - 110
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
1
2.4 GHz FRONT-END LNA / SWITCH IC
-30
-25
-20
-15
-10
-5
0
11.5
2
2.5
3
3.5
4
S21
S11
S22
FREQUENCY (GHz)
Tx to ANT
ANT
Tx
z
H
G
4
.
2
=
y
c
n
e
u
q
e
r
F
e
r
u
t
a
r
e
p
m
e
T
)
x
R
(
A
N
L
h
t
a
P
d
e
h
c
t
i
w
S
h
t
a
P
0
4
-
oC
3
.
8
4
.
1
4
5
2
+
oC2
.
86
.
9
3
5
8
+
oC
8
.
7
2
.
4
4
m
B
d
n
i
s
l
e
v
e
l
l
l
A
a
p
A
N
Lh
tu
Op
te
r
3
P
I
t
ue
f.
t
r
o
p
x
R
o
t
d
e
c
n
e
r
i
w
Sc
ta
p
d
e
hh
tI
e
r
3
P
I
t
u
p
ne
fd
e
c
n
e
ro
tr
o
p
x
T.
t
-30
-25
-20
-15
-10
-5
0
2.2
2.3
2.4
2.5
2.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
2.2
2.3
2.4
2.5
2.6
+85 C
+25 C
-40 C
FREQUENCY (GHz)
Switch Path Broadband Insertion Loss
and Return Loss
Switch Path Output Match @ ANT
vs.Temperature
Switch Path Insertion Loss vs.
Temperature, Tx to ANT
IP3 vs. Temperature
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2.2
2.3
2.4
2.5
2.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Switch Path Input Match @ Tx
vs.Temperature
HMC309MS8
V
01.0900
Tx/Rx Isolation
-30
-25
-20
-15
-10
-5
0
2.22.3
2.42.5
2.6
Rx Isolation - Switched Path Mode
Switched Path Isolation - LNA Mode
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com