Electronic Components Datasheet Search
  English  ▼

X  

UTF0015 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # UTF0015
Description  Attenuator 5 to 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTF0015 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  UTF0015 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTF0015 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTF0015 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTF0015 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Attenuator
5 to 1000 MHz
Technical Data
Description
The UTF-015 is a thin-film voltage-
controlled RF attenuator that
offers a continuously-variable
attenuation of up to 20 dB from 5
to 1000 MHz. Utilizing PIN diodes,
attenuation over frequency is
typically
±0.5 dB flat over the
complete control voltage range.
On the average, the attenuation
will change roughly 5 dB per
2-volt increment. The UTF-015 is
available in either the TO-8
hermetic case or connectorized
TC-1 package.
UTF-015
Pin Configuration
TO-8F
Features
• < 1.6:1 VSWR
• 20 dB of Attenuation
• Negative Control Voltage
Applications
• Open and Closed Loop Gain
Control
• AGC Circuits
GROUND
CONTROL
V
RF
IN
+
RF
OUT
RF
V +
IN
RFOUT
TC-1
Maximum Ratings
Parameter
Maximum
DC Voltage
+17/–15 Volts
Continuous RF Input Power
+23.0 dBm
Operating Case Temperature
–55 to +125
°C
Storage Temperature
–62 to +150
°C
“R” Series Burn-In Temperature
+125
°C
Weight:
(typical) 2.1 grams
Schematic
RF
IN
RF
OUT


Similar Part No. - UTF0015

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTF0025 TELEDYNE-UTF0025 Datasheet
150Kb / 6P
Attenuator 5 to 2500 MHz
UTF0030 TELEDYNE-UTF0030 Datasheet
135Kb / 5P
Attenuator 100 to 2000 MHz
UTF0035 TELEDYNE-UTF0035 Datasheet
215Kb / 10P
Attenuator 50 to 2000 MHz
UTF0040 TELEDYNE-UTF0040 Datasheet
151Kb / 6P
Attenuator 10 to 1000 MHz
More results

Similar Description - UTF0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A63 MACOM-A63 Datasheet
112Kb / 1P
5 TO 1000 MHz CASCADABLE AMPLIFIER
AT-103 MACOM-AT-103 Datasheet
114Kb / 2P
5-Bit Digital Attenuator 20 - 1000 MHz
A11-2 MACOM-A11-2 Datasheet
354Kb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
HBH Microwave GmbH
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
logo
M/A-COM Technology Solu...
SMA11-2 MA-COM-SMA11-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
SMA11 MA-COM-SMA11 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
MACP-009404-C80370 MA-COM-MACP-009404-C80370 Datasheet
170Kb / 3P
Coupler, 8dB 5 to 1000 MHz
logo
Teledyne Technologies I...
UTF0025 TELEDYNE-UTF0025 Datasheet
150Kb / 6P
Attenuator 5 to 2500 MHz
UTF0040 TELEDYNE-UTF0040 Datasheet
151Kb / 6P
Attenuator 10 to 1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com