Electronic Components Datasheet Search
  English  ▼

X  

UTF0015 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTF0015
Description  Attenuator 5 to 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTF0015 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTF0015 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTF0015 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTF0015 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTF0015 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +15 VDC nominal unless otherwise noted)
Symbol
Unit
T
C
= –55 to +85
°C
5-1000
—
—
—
—
—
—
—
—
—
MHz
dB
dB
dB
—
dB
ms
mA
VDC
mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
5-1000
20.0
1.5
2.0
1.5:1
±.5
.5
7
0 to –10
0 to 7
5-1000
15.0
2.0
2.5
2.0:1
—
—
—
0 to –10
—
Characteristic
BW
—
—
—
—
—
—
—
—
Frequency Range
Attenuation, Min. (VC = –10 V)
Insertion Loss, Max. (VC = 0 V)
5-500 MHz
500-1000 MHz
VSWR (Worst Case In Attenuation
Range)
Flatness Over Frequency
Switching Speed (10% to 90%)
Bias Current
Control Voltage
Control Current
Typical Performance At 25
°C
Frequency, MHz
Frequency, MHz
Output VSWR
2.0
1.5
1.0
400
600
800
200
0
Input VSWR
Switching Time
Sweep Time, microseconds
Attenuation
Control Current, mA
Control Voltage, Volts
–4
–6
–8
–2
0
Attenuation
Frequency, MHz
400
600
800
200
0
Frequency, MHz
40
30
20
400
600
800
10
0
200
0
Phase
2.5
10
0
20
30
2.0
1.5
1.0
2.5
–10
1000
10
0
20
30
1000
400
600
800
200
0
1000
–1.0
–1.5
–2.0
–5
0
–2.5
Vc
Ic
f = 500 MHz
0V
–4.4V
–7.4V
–8V
–10V
Control
Voltage
0V
–4.4V
–7.4V
–10V
Control
Voltage
0V
–8V
–7.4V
–10V
Control
Voltage
1000
0V
–8V
–7.4V
–10V
Control
Voltage
–4.4V
Control Pulse 0 to –10V
f = 500 MHz
ON (0V)
100 Microseconds
per Division
OFF (–10V)
OFF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com