Electronic Components Datasheet Search
  English  ▼

X  

IRF7484 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7484
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7484 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF7484 Datasheet HTML 2Page - International Rectifier IRF7484 Datasheet HTML 3Page - International Rectifier IRF7484 Datasheet HTML 4Page - International Rectifier IRF7484 Datasheet HTML 5Page - International Rectifier IRF7484 Datasheet HTML 6Page - International Rectifier IRF7484 Datasheet HTML 7Page - International Rectifier IRF7484 Datasheet HTML 8Page - International Rectifier IRF7484 Datasheet HTML 9Page - International Rectifier IRF7484 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF7484
www.irf.com
7
25
50
75
100
125
150
0
104
208
312
416
520
Starting Tj, Junction Temperature
( C)
°
I D
TOP
BOTTOM
6.3A
11A
14A
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 17. Gate Charge Test Circuit
Fig 18. Basic Gate Charge Waveform
Fig 16a. Maximum Avalanche Energy
Vs. Drain Current
Fig 16d. Unclamped Inductive Waveforms
Fig 16c. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com