Electronic Components Datasheet Search
  English  ▼

X  

IRF7484 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7484
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7484 Datasheet(HTML) 1 Page - International Rectifier

  IRF7484 Datasheet HTML 1Page - International Rectifier IRF7484 Datasheet HTML 2Page - International Rectifier IRF7484 Datasheet HTML 3Page - International Rectifier IRF7484 Datasheet HTML 4Page - International Rectifier IRF7484 Datasheet HTML 5Page - International Rectifier IRF7484 Datasheet HTML 6Page - International Rectifier IRF7484 Datasheet HTML 7Page - International Rectifier IRF7484 Datasheet HTML 8Page - International Rectifier IRF7484 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
Specifically designed for Automotive applications, this
Stripe Planar design of HEXFET® Power MOSFETs
utilizes the latest processing techniques to achieve
extremely low on-resistance per silicon area. Additional
features of this HEXFET power MOSFET are a 150°C
junction operating temperature, fast switching speed
and improved repetitive avalanche rating. These benefits
combine to make this design an extremely efficient and
reliable device for use in Automotive applications and a
wide variety of other applications.
Absolute Maximum Ratings
Description
04/16/04
www.irf.com
1
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
Benefits
Typical Applications
l
Relay replacement
l
Anti-lock Braking System
l
Air Bag
PD - 94446B
IRF7484
VDSS RDS(on) max (mW)
ID
40V
10@VGS = 7.0V
14A
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
ƒ
–––
50
°C/W
Thermal Resistance
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
14
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
11
A
IDM
Pulsed Drain Current

110
PD @TA = 25°C
Power Dissipation
ƒ
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 8.0
V
EAS
Single Pulse Avalanche Energy
„
230
mJ
IAR
Avalanche Current

See Fig.16c, 16d, 19, 20
A
EAR
Repetitive Avalanche Energy
†
mJ
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C


Similar Part No. - IRF7484

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7484PBF IRF-IRF7484PBF Datasheet
172Kb / 10P
HEXFET짰 Power MOSFET
IRF7484Q IRF-IRF7484Q Datasheet
248Kb / 10P
AUTOMOTIVE MOSFET
IRF7484QPBF IRF-IRF7484QPBF Datasheet
248Kb / 10P
AUTOMOTIVE MOSFET
More results

Similar Description - IRF7484

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com