Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA112V1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEVAL-ISA112V1
Description  Complying with EuP Lot 6 requirements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA112V1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEVAL-ISA112V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STEVAL-ISA112V1
Transformer
Doc ID 024120 Rev 1
7/14
3
Transformer
The transformer characteristics are listed in the table below.
The images below show size and pin distances ([mm]) of the transformer.
Table 3.
Transformer characteristics
Parameter
Value
Test Conditions
Manufacturer
Magnetica
Part number
1921.0040
Primary inductance (pins 3-4)
1.2 mH ± 15%
Measured at 1 kHz 0.1 V
Leakage inductance
2.8%
Measured at 10 kHz 0.1 V
Primary to secondary turn ratio (3 - 4)/(5 - 8)
6.11 ± 5%
Measured at 10 kHz 0.1 V
Primary to auxiliary turn ratio (3 - 4)/(2 - 1)
5 ± 5%
Measured at 10 kHz 0.1 V
Figure 3.
Transformer size and pin diagram
pin distances
Figure 4.
Transformer size and pin diagram
electrical diagram
AM11626v1
AM11627v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com