Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA112V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA112V1
Description  Complying with EuP Lot 6 requirements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA112V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA112V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For further information contact your local STMicroelectronics sales office.
January 2013
Doc ID 024120 Rev 1
1/14
14
STEVAL-ISA112V1
Wide range non-isolated flyback demonstration board, single-output
12 V/4 W based on the VIPER06HN
Data brief
Features
■ Universal input mains range:
– input voltage 90 - 265 VAC
– frequency 45 - 65 Hz
■ Single-output voltage: 12 V at 350 mA
continuous operation
■ Standby mains consumption: < 30 mW at 230
VAC
■ Average efficiency: > 75%
■ Complying with EuP Lot 6 requirements
■ Fully protected against short-circuit
■ Fully protected against overheating
■ Compliant to EMC norm EN55022-Class-B
■ RoHS compliant
Description
The STEVAL-ISA112V1 demonstration board
implements a 4 W single-output wide range mains
power supply to be used in applications such as
white goods, smaller home appliances, home
automation, LED driver, etc.
The board uses the new VIPER06HN, a new
offline high voltage converter from the VIPerPlus
family by STMicroelectronics. The VIPER06 is
specifically designed for fixed frequency flyback
converters, combining a high-performance low
voltage PWM controller chip and a max. 32
Ω
RDS(on), 800 V BV(DSS), avalanche-rugged
Power MOSFET in the same package.
The application is optimized for less than 30 mW
standby consumption and meets the EPA 2.0
limits, therefore helping to meet the most stringent
energy saving requirements.
The STEVAL-ISA112V1 demonstration board
implements several forms of protection that
considerably increase end-product safety and
reliability: overload protection, feedback
disconnection, thermal shutdown.
STEVAL-ISA112V1
www.st.com


Similar Part No. - STEVAL-ISA112V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
More results

Similar Description - STEVAL-ISA112V1

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
354112 ERNI-354112 Datasheet
81Kb / 1P
FEDERLEISTE M 42-6 LOT
logo
Bothhand USA, LP.
G2PM109NM-LF BOTHHAND-G2PM109NM-LF Datasheet
335Kb / 2P
Complying with ROHS requirements
NA0069RM-LF BOTHHAND-NA0069RM-LF Datasheet
242Kb / 2P
Complying with ROHS & Halogen Free requirements
NA69-LF BOTHHAND-NA69-LF Datasheet
236Kb / 2P
Complying with ROHS & Halogen Free requirements
PG4P219AN-1-LF BOTHHAND-PG4P219AN-1-LF Datasheet
363Kb / 2P
Complying with ROHS requirements
PGH5610S-LF BOTHHAND-PGH5610S-LF Datasheet
388Kb / 2P
Complying with ROHS requirements.
TS20-HF BOTHHAND-TS20-HF Datasheet
226Kb / 2P
Complying with ROHS & Halogen Free requirements.
TST1284C-LF BOTHHAND-TST1284C-LF Datasheet
243Kb / 2P
Complying with ROHS & Halogen Free requirements.
logo
STMicroelectronics
STEVAL-ISA121V1 STMICROELECTRONICS-STEVAL-ISA121V1 Datasheet
276Kb / 6P
Complies with EuP Lot 6 requirements
09-Jan-2013
STEVAL-ISA138V1 STMICROELECTRONICS-STEVAL-ISA138V1 Datasheet
115Kb / 4P
Light load efficiency: in accordance with ErP Lot 6 Tier2 requirements
15-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com