Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA201V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA201V1
Description  3 A step-down switching regulator evaluation board based on the L5987
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA201V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA201V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA201V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA201V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA201V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
March 2017
DocID030410 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA201V1
3 A step-down switching regulator evaluation board based on the
L5987
Data brief
Features
1.8 V, up to 3 A DC output current
2.9 V to 18 V input voltage
Output voltage adjustable from 0.6 V to VIN
430 kHz switching frequency, programmable
in the range 250 kHz
– 1 MHz
Internal soft-start and inhibit
Low dropout operation: 100% duty cycle
Zero-load current operation
Overcurrent and thermal protection
VFQFPN8 (3 x 3 mm) package
RoHS compliant
Description
The STEVAL-ISA201V1 product evaluation board
provides design engineers with a fully functional
step-down switching regulator with an output
current of up to 3 A. The STEVAL-ISA201V1
integrates the STMicroelectronics L5987 step-
down switching regulator together with all the
external components required for a typical
application. The rated voltage of the input
capacitor and the Schottky diode rectifier
repetitive peak reverse voltage are both 25 V,
rendering the board capable of covering the
entire 2.9 V - 18 V input voltage range of the
L5987 device.
The board features an external resistor divider
(R1 and R2) designed for an output voltage of 1.8
V. The output voltage can be set to a level from
0.6 V up to VIN. The compensation network on
the evaluation board allows the use of an MLCC
as output filter to keep the loop stable. The
switching frequency on the board is set to 430
kHz by means of the R5 resistor connected to pin
FSW.


Similar Part No. - STEVAL-ISA201V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
More results

Similar Description - STEVAL-ISA201V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
EVAL5987A STMICROELECTRONICS-EVAL5987A Datasheet
286Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
0.7 A step-down switching regulator demonstration board based on the L5980
02-Mar-2009
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
1 A step-down switching regulator demonstration board based on the L5981
02-Mar-2009
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
EVAL5987 STMICROELECTRONICS-EVAL5987 Datasheet
285Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
STEVAL-ISA154V1 STMICROELECTRONICS-STEVAL-ISA154V1 Datasheet
98Kb / 4P
0.7 A step-down switching regulator evaluation board based on the L5980
15-Apr-2014
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com