Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA201V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA201V1
Description  3 A step-down switching regulator evaluation board based on the L5987
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA201V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA201V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA201V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA201V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA201V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-ISA201V1
2/4
DocID030410 Rev 1
1
Schematic diagram
Figure 1: STEVAL-ISA201V1 circuit schematic
C1
22
µF
C3
2.2nF
C5
330pF
C4
10nF
L1
5.2
µH
R1
4.99k
R2
2.49k
R3
330
R4
2k
R5
150k
C2
22
µF
D1
STPS2L25U
INH
JUMPER
1
2
TP1
VIN
TP4
GND
TP2
GND
TP3
VOU T
U1
L5987/ A
OUT
1
VCC
8
FSW
6
TP
9
INH
3
COM P
4
GND
7
FB
5
SYNC
2
TP5
SYNCH
C6
220nF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com