Electronic Components Datasheet Search
  English  ▼

X  

PTCEL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PTCEL
Description  PTC Thermistors, Inrush current limiter and Energy Load-Dump
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCEL Datasheet(HTML) 3 Page - Vishay Siliconix

  PTCEL Datasheet HTML 1Page - Vishay Siliconix PTCEL Datasheet HTML 2Page - Vishay Siliconix PTCEL Datasheet HTML 3Page - Vishay Siliconix PTCEL Datasheet HTML 4Page - Vishay Siliconix PTCEL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PTCEL
www.vishay.com
Vishay BCcomponents
Revision: 31-May-16
3
Document Number: 29165
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RESISTANCE vs. TEMPERATURE
Vm  1.5 VDC
VMAX. DERATING VS. TAMB
MINIMUM PTC RESISTANCE UNDER PULSED
VOLTAGE
RESIDUAL CURRENT VS. VOLTAGE
Temperature (°C)
10
102
103
104
108
105
106
107
-50
25
100
150
200 225
-25
0
50
75
125
175
PTCEL13R600LBE
PTCEL13R121MBE
PTCEL13R251NBE
PTCEL13R501RBE
PTCEL17R600MBE
PTCEL17R121NBE
T
amb (°C)
-50
0
75
125
175
200
-25
25
50
100
150
0
80
60
40
20
120
100
V
PTV-pulsed
0.20
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.80
0
200
500
700
900 1000
100
300
400
600
800
U (V
RMS )
100
1000
1
10
100
PTCEL13R600LBE
PTCEL13R121MBE
PTCEL13R251NBE
PTCEL13R501RBE
PTCEL17R600MBE
PTCEL17R121NBE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com