Electronic Components Datasheet Search
  English  ▼

X  

PTCEL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PTCEL
Description  PTC Thermistors, Inrush current limiter and Energy Load-Dump
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCEL Datasheet(HTML) 4 Page - Vishay Siliconix

  PTCEL Datasheet HTML 1Page - Vishay Siliconix PTCEL Datasheet HTML 2Page - Vishay Siliconix PTCEL Datasheet HTML 3Page - Vishay Siliconix PTCEL Datasheet HTML 4Page - Vishay Siliconix PTCEL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PTCEL
www.vishay.com
Vishay BCcomponents
Revision: 31-May-16
4
Document Number: 29165
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CONSECUTIVE ENERGY LOAD-DUMPS AT
DIFFERENT TAMB FOR PTCEL13
CONSECUTIVE ENERGY LOAD-DUMPS AT
DIFFERENT TAMB FOR PTCEL17
Energy / Load-Dump (J)
10
100
1
10
25 °C
55 °C
85 °C
105 °C
Energy / Load-Dump (J)
10
100
1
10
25 °C
55 °C
85 °C
105 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com