Electronic Components Datasheet Search
  English  ▼

X  

SIC521 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIC521
Description  30 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC521 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIC521 Datasheet HTML 5Page - Vishay Siliconix SIC521 Datasheet HTML 6Page - Vishay Siliconix SIC521 Datasheet HTML 7Page - Vishay Siliconix SIC521 Datasheet HTML 8Page - Vishay Siliconix SIC521 Datasheet HTML 9Page - Vishay Siliconix SIC521 Datasheet HTML 10Page - Vishay Siliconix SIC521 Datasheet HTML 11Page - Vishay Siliconix SIC521 Datasheet HTML 12Page - Vishay Siliconix SIC521 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SiC521, SiC521A
www.vishay.com
Vishay Siliconix
S15-0170-Rev. B, 09-Feb-15
9
Document Number: 62989
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 17 - ZCD_EN# Pull-Up Current vs. Temperature
Fig. 18 - Driver Quiescent Current vs. Temperature
PCB LAYOUT RECOMMENDATIONS
Step 1: VIN / PGND Planes and Decoupling
1. Layout VIN and PGND planes as shown above.
2. Ceramic capacitors should be placed directly between
VIN and PGND, and very close to the device for best
decoupling effect.
3. Different values / packages of ceramic capacitors should
be used to cover entire decoupling spectrum e.g. 1210,
0805, 0603, 0402.
4. Smaller capacitance values, placed closer to the devices,
VIN pin(s), results in better high frequency noise
absorbing.
Step 2: VSWH Plane
1. Connect output inductor to IC with large plane to lower
resistance.
2. VSWH plane also serves as a heat-sink for low-side
MOSFET. Make the plane wide and short to achieve the
best thermal path.
3. If
any
snubber
network
is
required,
place
the
components as shown above and the network can be
placed at bottom.
-13.0
-12.5
-12.0
-11.5
-11.0
-10.5
-10.0
-9.5
-9.0
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
V
ZCD_EN# = 0 V
270
290
310
330
350
370
390
410
430
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
V
PWM = FLOAT
VIN
VSWH
PGND
VIN Plane
PGND Plane
PGND Plane
VSWH
Snubber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com