Electronic Components Datasheet Search
  English  ▼

X  

SIC521 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC521
Description  30 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC521 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC521 Datasheet HTML 1Page - Vishay Siliconix SIC521 Datasheet HTML 2Page - Vishay Siliconix SIC521 Datasheet HTML 3Page - Vishay Siliconix SIC521 Datasheet HTML 4Page - Vishay Siliconix SIC521 Datasheet HTML 5Page - Vishay Siliconix SIC521 Datasheet HTML 6Page - Vishay Siliconix SIC521 Datasheet HTML 7Page - Vishay Siliconix SIC521 Datasheet HTML 8Page - Vishay Siliconix SIC521 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SiC521, SiC521A
www.vishay.com
Vishay Siliconix
S15-0170-Rev. B, 09-Feb-15
4
Document Number: 62989
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Typical limits are established by characterization and are not production tested.
(2) Guaranteed by design.
ELECTRICAL SPECIFICATIONS
(ZCD_EN# = 5 V, VIN = 12 V, VDRV and VCIN = 5 V, TA = 25 °C)
PARAMETER
SYMBOL
TEST CONDITION
LIMITS
UNIT
MIN.
TYP.
MAX.
POWER SUPPLY
Control Logic Supply Current
IVCIN
no switching, VPWM = FLOAT
-
300
-
μA
fS = 300 kHz, D = 0.1
-
300
-
Drive Supply Current
IVDRV
fS = 300 kHz, D = 0.1
-
8
15
mA
fS = 1 MHz, D = 0.1
-
30
-
no switching, VPWM = FLOAT
-
50
-
μA
BOOTSTRAP SUPPLY
Bootstrap Diode Forward Voltage
VF
IF = 2 mA
-
-
0.4
V
PWM CONTROL INPUT (SiC521)
Rising Threshold
VTH_PWM_R
3.4
3.7
4.0
V
Falling Threshold
VTH_PWM_F
0.72
0.9
1.1
Tri-state Voltage
VTRI
VPWM = FLOAT
-
2.3
-
Tri-state Rising Threshold
VTRI_TH_R
0.9
1.15
1.38
Tri-state Falling Threshold
VTRI_TH_F
3.1
3.35
3.6
Tri-state Rising Threshold
Hysteresis
VHYS_TRI_R
-
225
-
mV
Tri-state Falling Threshold
Hysteresis
VHYS_TRI_F
-
325
-
PWM Input Current
IPWM
VPWM = 5 V
-
-
350
μA
VPWM = 0 V
-
-
-350
PWM CONTROL INPUT (SiC521A)
Rising Threshold
VTH_PWM_R
2.2
2.45
2.7
V
Falling Threshold
VTH_PWM_F
0.72
0.9
1.1
Tri-state Voltage
VTRI
VPWM = FLOAT
-
1.8
-
Tri-state Rising Threshold
VTRI_TH_R
0.9
1.15
1.38
Tri-state Falling Threshold
VTRI_TH_F
1.95
2.2
2.45
Tri-state Rising Threshold
Hysteresis
VHYS_TRI_R
-
225
-
mV
Tri-state Falling Threshold
Hysteresis
VHYS_TRI_F
-
275
-
PWM Input Current
IPWM
VPWM = 3.3 V
-
-
225
μA
VPWM = 0 V
-
-
-225
TIMING SPECIFICATIONS
Tri-State to GH/GL Rising
Propagation Delay
tPD_TRI_R
No load, see fig. 4
-20-
ns
Tri-state Hold-Off Time
tTSHO
-
150
-
GH - Turn Off Propagation Delay
tPD_OFF_GH
-20-
GH - Turn On Propagation Delay
(Dead time rising)
tPD_ON_GH
-10-
GL - Turn Off Propagation Delay
tPD_OFF_GL
-20-
GL - Turn On Propagation Delay
(Dead time falling)
tPD_ON_GL
-10-
PWM Minimum On-Time
tPWM_ON_MIN
30
-
-
ZCD_EN# INPUT
ZCD_EN# Logic Input Voltage
VIH_ZCD_EN#
Input logic high
2
-
-
V
VIL_ZCD_EN#
Input logic low
-
-
0.8
PROTECTION
Under Voltage Lockout
VUVLO
VCIN rising, on threshold
-
3.7
4.1
V
VCIN falling, off threshold
2.7
3.1
-
Under Voltage Lockout Hysteresis
VUVLO_HYST
-
575
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com