Electronic Components Datasheet Search
  English  ▼

X  

KA8512 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA8512
Description  COMPANDOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA8512 Datasheet(HTML) 2 Page - Samsung semiconductor

  KA8512 Datasheet HTML 1Page - Samsung semiconductor KA8512 Datasheet HTML 2Page - Samsung semiconductor KA8512 Datasheet HTML 3Page - Samsung semiconductor KA8512 Datasheet HTML 4Page - Samsung semiconductor KA8512 Datasheet HTML 5Page - Samsung semiconductor KA8512 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KA8512
COMPANDOR
PIN CONFIGURATION
PIN DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
KA8512
VREF
EPI
ERC
EO
EMUTE
CMUTE
GND
CPI+
VCC
CO
AGIC
CRC
CPI-
ALC
Pin No
Symbol
Description
1
VREF
It is a voltage reference (VREF=1V) used for supplying a constant voltage
to the compressor and expander of compandor.
2
EPI
It is SUM AMP input terminal of expander. The voice signal recoverd after
the demodulation waveform from the receiver passed through the 2’nd order
low pass filter enters this terminal.
3
ERC
This terminal is used for converting waveform from the full wave rectifier to
DC element at the rectifier block of expander
(R X C = 22msec)
4
EO
It is an output terminal of expander, which a regenerated voice signal
comes out.
5
EMUTE
It is an expander mute terminal of compandor and the final mute block
of an expander located next to the receiver terminal. It blocks the data sig-
nal of MICOM being transmitted to an user, and is connected to the RX
mute terminal of MICOM.
Expanding is executed if this terminal is high, and expander mute is exe-
cuted if it is low.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com