Electronic Components Datasheet Search
  English  ▼

X  

KA8512 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KA8512
Description  COMPANDOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA8512 Datasheet(HTML) 4 Page - Samsung semiconductor

  KA8512 Datasheet HTML 1Page - Samsung semiconductor KA8512 Datasheet HTML 2Page - Samsung semiconductor KA8512 Datasheet HTML 3Page - Samsung semiconductor KA8512 Datasheet HTML 4Page - Samsung semiconductor KA8512 Datasheet HTML 5Page - Samsung semiconductor KA8512 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KA8512
COMPANDOR
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3V, f = 1KHz, Ta = 25
°C, Unless otherwise Specified)
Characteristic
Symbol
Value
Unit
Maximum Supply Voltage
VCC(MAX)
7
V
Power Dissipation
PD
600
mW
Operating Temperature
TOPR
- 20 ~ + 70
°C
Storage Temperature
TSTG
- 55 ~ + 150
°C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
DC Electrical Characteristics
Operating Voltage
VCC
-
2.0
-
6.0
V
Operating Current
ICC
No Signal
-
3.6
6.0
Compressor Part
Reference Voltage
VREF
No Signal
0.9
1.0
1.1
V
Standard Output Voltage
VO(COMP)
VINC = 13mVrms
= 0dB
240
300
340
mVrms
∆ G
V1(COMP)
VINC = -20dB
-0.5
0
+0.5
dB
∆ G
V2(COMP)
VINC = -40dB
-1.5
0.7
0
dB
Output Distortion
THDCOMP
VINC = 0dB
-
0.5
1.0
%
Mute Attenuation Ratio
ATTMUTE
VINC = 0dB
60
80
-
dB
Limiting Voltage
VLIM(COMP)
VINC = Variable
1.15
1.35
1.5
VP-P
ALC
VALCO
VALC = 0.87V
280
325
360
mVrms
Expander Part
Standard Output Voltage
VO(EXP)
VINE = 180mVrms
= 0dB
110
130
160
mVrms
∆ G
V1(EXP)
VINE = -10dB
+1.0
+0.5
0
dB
Gain Difference
∆ G
V2(EXP)
VINE = -20dB
-1.5
-0.7
0
dB
∆ G
V3(EXP)
VINE = -30dB
-1.5
0
+1.5
dB
Output Distortion
THDEXP
VINE = 0dB
-
0.5
1.5
%
Mute Attenuation Ratio
ATTMUTE
VINE = 0dB
60
85
-
dB
Maximum Output Voltage
VOEXP(MAX)
VINE = Variable
500
600
-
mVrms
Gain Difference
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com