Electronic Components Datasheet Search
  English  ▼

X  

LM4919 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4919
Description  1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4919 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4919 Datasheet HTML 7Page - National Semiconductor (TI) LM4919 Datasheet HTML 8Page - National Semiconductor (TI) LM4919 Datasheet HTML 9Page - National Semiconductor (TI) LM4919 Datasheet HTML 10Page - National Semiconductor (TI) LM4919 Datasheet HTML 11Page - National Semiconductor (TI) LM4919 Datasheet HTML 12Page - National Semiconductor (TI) LM4919 Datasheet HTML 13Page - National Semiconductor (TI) LM4919 Datasheet HTML 14Page - National Semiconductor (TI) LM4919 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Application Information (Continued)
for the supply rail. Extra supply voltage creates headroom
that allows the LM4919 to reproduce peak in excess of
10mW without producing audible distortion. At this time, the
designer must make sure that the power supply choice along
with the output impedance does not violate the conditions
explained in the Power Dissipation section. Once the power
dissipation equations have been addressed, the required
gain can be determined from Equation 2.
(4)
From Equation 4, the minimum AV is 1; use A
V = 1. Since the
desired input impedance is 20k, and with a A
V gain of 1, a
ratio of 1:1 results from Equation 1 for R
f to R. The values
are chosen with R
i = 20k and Rf = 20k. The final design step
is to address the bandwidth requirements which must be
stated as a pair of -3dB frequency points. Five times away
from a -3dB point is 0.17dB down from passband response
which is better than the required ± 0.25dB specified.
f
L = 100Hz/5 = 20Hz
f
H = 20kHz*5= 100kHz
As stated in the External Components section, R
i in con-
junction with C
i creates a
C
i
≥ 1/(2π * 20kΩ * 20Hz) = 0.397µF; use 0.39µF.
The high frequency pole is determined by the product of the
desired frequency pole, fH, and the differential gain, A
V. With
an AV
V = 1 and fH = 100kHz, the resulting GBWP = 100kHz
which is much smaller than the LM4919 GBWP of 3MHz.
This example displays that if a designer has a need to design
an amplifier with higher differential gain, the LM4919 can still
be used without running into bandwidth limitations.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com