Electronic Components Datasheet Search
  English  ▼

X  

DSL03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DSL03
Description  Low capacitance TVS for high speed lines such as xDSL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL03 Datasheet(HTML) 1 Page - STMicroelectronics

  DSL03 Datasheet HTML 1Page - STMicroelectronics DSL03 Datasheet HTML 2Page - STMicroelectronics DSL03 Datasheet HTML 3Page - STMicroelectronics DSL03 Datasheet HTML 4Page - STMicroelectronics DSL03 Datasheet HTML 5Page - STMicroelectronics DSL03 Datasheet HTML 6Page - STMicroelectronics DSL03 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
February 2015
DocID022325 Rev 2
1/7
DSL03
Low capacitance TVS for high speed lines such as xDSL
Datasheet
- production data
Features
• High surge capability to comply with
GR-1089 and ITU-T K20/21
• Keeps its peak power capability up to Tj max
• Voltages: 10, 22 and 24 V
• Low capacitance device: Ctyp = 0.5 pF
• RoHS package
• Low leakage current: 0.2 µA at 25 °C
Complies with the following standards
• Telcordia GR-1089
– 2.5 kV 2/10 µs - 500 A 2/10 µs
– AC power fault tests
• ITU-T K20/21/45
– 6 kV 10/700 µs - 150 A 5/310 µs
– power induction tests
– power contact tests
• IEC 61000-4-2, level 4
– 15 kV (air discharge)
– 8 kV (contact discharge
• IEC 61000-4-5, level 2
±1 kV, 42
• MIL STD 883G-Method 3015-7: Class 3
– 8 kV (human body model)
Description
DSL03 is designed to protect DSL line drivers
against surges defined in worldwide
telecommunication standards. This device
protects line drivers of various systems such as
ADSL and VDSL. The low capacitance makes it
suitable from ADSL to VDSL2 data rates.
DSL03 is able to survive severe conditions even
when used with downgraded or oscillating gas
tube.
DSL03 is also suitable to be used on other lines
when IEC61000-4-5 surge capability is required.
DSL03 is packaged in a SOT23-6L.
Figure 1. Functional diagram
www.st.com


Similar Part No. - DSL03

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DSL03-24 PROTEC-DSL03-24 Datasheet
596Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE
More results

Similar Description - DSL03

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJLCDA05 PANJIT-PJLCDA05 Datasheet
124Kb / 4P
QUAD LOW CAPACITANCE TVS ARRAY FOR HIGH SPEED DATA LINES
PJGL05 PANJIT-PJGL05 Datasheet
79Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJLCDA05 PANJIT-PJLCDA05_06 Datasheet
89Kb / 4P
ULTRA LOW CAPACITANCE QUAD TVS ARRAY FOR HIGH SPEED TRANSMISSION DATA LINES
PJSLC05 PANJIT-PJSLC05_06 Datasheet
86Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC054 PANJIT-PJSLC054 Datasheet
114Kb / 4P
LOW CAPACITANCE SINGLE TVS 350W FOR HIGH SPEED DATA LINES
PJGL05 PANJIT-PJGL05_09 Datasheet
139Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC05 PANJIT-PJSLC05_09 Datasheet
333Kb / 5P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC05C-02 PANJIT-PJSLC05C-02 Datasheet
112Kb / 3P
LOW CAPACITANCE SINGLE TVS 200W FOR HIGH SPEED DATA LINES
logo
STMicroelectronics
DSL02 STMICROELECTRONICS-DSL02 Datasheet
176Kb / 8P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL04 STMICROELECTRONICS-DSL04 Datasheet
163Kb / 7P
Low capacitance TVS for high speed lines such as xDSL
February 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com