Electronic Components Datasheet Search
  English  ▼

X  

DSL03 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DSL03
Description  Low capacitance TVS for high speed lines such as xDSL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL03 Datasheet(HTML) 3 Page - STMicroelectronics

  DSL03 Datasheet HTML 1Page - STMicroelectronics DSL03 Datasheet HTML 2Page - STMicroelectronics DSL03 Datasheet HTML 3Page - STMicroelectronics DSL03 Datasheet HTML 4Page - STMicroelectronics DSL03 Datasheet HTML 5Page - STMicroelectronics DSL03 Datasheet HTML 6Page - STMicroelectronics DSL03 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DocID022325 Rev 2
3/7
DSL03
Characteristics
7
Figure 4. Junction capacitance versus reverse voltage applied (typical values)
Figure 5. VDSL2 class AB modem connection
Figure 6. VDSL2 class H modem connection
0
1
2
3
4
0
2
4
6
8
10
1214
1618
20
22
24
VR(V)
F=1 MHz
Vosc=1VRMS
Tj=25 °C
For lower voltages, maximum
voltage applied is limited to V RM
DSL03-024SC6
(pF)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com