Electronic Components Datasheet Search
  English  ▼

X  

LIS2HH12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 1 Page - STMicroelectronics

  LIS2HH12 Datasheet HTML 1Page - STMicroelectronics LIS2HH12 Datasheet HTML 2Page - STMicroelectronics LIS2HH12 Datasheet HTML 3Page - STMicroelectronics LIS2HH12 Datasheet HTML 4Page - STMicroelectronics LIS2HH12 Datasheet HTML 5Page - STMicroelectronics LIS2HH12 Datasheet HTML 6Page - STMicroelectronics LIS2HH12 Datasheet HTML 7Page - STMicroelectronics LIS2HH12 Datasheet HTML 8Page - STMicroelectronics LIS2HH12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
This is information on a product in full production.
December 2015
DocID025344 Rev 5
1/47
LIS2HH12
MEMS digital output motion sensor:
ultra-low-power high-performance 3-axis "pico" accelerometer
Datasheet
- production data
Features
 Wide supply voltage, 1.71 V to 3.6 V
 Independent IOs supply (1.8 V) and supply
voltage compatible
 Ultra-low power consumption
2g/4g/8g full-scale
 I2C/SPI digital output interface
 16-bit data output
 Embedded temperature sensor
 Embedded self-test
 Embedded FIFO
 10000 g high shock survivability
 ECOPACK®, RoHS and “Green” compliant
Applications
 Motion-controlled user interfaces
 Gaming and virtual reality
 Pedometers
 Intelligent power saving for handheld devices
 Display orientation
 Click/double-click recognition
 Impact recognition and logging
 Vibration monitoring and compensation
Description
The LIS2HH12 is an ultra-low-power high-
performance three-axis linear accelerometer
belonging to the “pico” family.
The LIS2HH12 has full scales of
2g/4g/8g and
is capable of measuring accelerations with output
data rates from 10 Hz to 800 Hz.
The self-test capability allows the user to check
the functioning of the sensor in the final
application.
The LIS2HH12 has an integrated first-in, first-out
(FIFO) buffer allowing the user to store data in
order to limit intervention by the host processor.
The LIS2HH12 is available in a small thin plastic
land grid array package (LGA) and it is
guaranteed to operate over an extended
temperature range from -40 °C to +85 °C
LGA-12 (2.0x2.0x1.0 mm)
Table 1. Device summary
Order codes
Temperature
range [
C]
Package Packaging
LIS2HH12
-40 to +85
LGA-12
Tray
LIS2HH12TR
-40 to +85
LGA-12
Tape and
reel
www.st.com


Similar Part No. - LIS2HH12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS202DL STMICROELECTRONICS-LIS202DL Datasheet
332Kb / 36P
MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
11-Jun-2007
LIS202DLTR STMICROELECTRONICS-LIS202DLTR Datasheet
332Kb / 36P
MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
11-Jun-2007
logo
Huber+Suhner, Inc.
LIS21_N-50-12-300000 HUBERSUHNER-LIS21_N-50-12-300000 Datasheet
65Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
LIS21_N-50-5-300000 HUBERSUHNER-LIS21_N-50-5-300000 Datasheet
133Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
LIS21_N-50-7-300000 HUBERSUHNER-LIS21_N-50-7-300000 Datasheet
133Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
More results

Similar Description - LIS2HH12

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
STMicroelectronics
L2G2IS STMICROELECTRONICS-L2G2IS Datasheet
621Kb / 26P
Embedded temperature sensor
17-Feb-2016
LPS25H STMICROELECTRONICS-LPS25H Datasheet
1Mb / 45P
Embedded temperature compensation
April 2016 Rev 5
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
Embedded temperature compensation
February 2017 Rev 2
LSM6DS0 STMICROELECTRONICS-LSM6DS0 Datasheet
1Mb / 59P
Embedded temperature sensor
03-Nov-2014
LSM303D STMICROELECTRONICS-LSM303D Datasheet
1Mb / 52P
Embedded temperature sensor
05-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com