Electronic Components Datasheet Search
  English  ▼

X  

LIS2HH12 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 6Page - STMicroelectronics LIS2HH12 Datasheet HTML 7Page - STMicroelectronics LIS2HH12 Datasheet HTML 8Page - STMicroelectronics LIS2HH12 Datasheet HTML 9Page - STMicroelectronics LIS2HH12 Datasheet HTML 10Page - STMicroelectronics LIS2HH12 Datasheet HTML 11Page - STMicroelectronics LIS2HH12 Datasheet HTML 12Page - STMicroelectronics LIS2HH12 Datasheet HTML 13Page - STMicroelectronics LIS2HH12 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Mechanical and electrical specifications
LIS2HH12
10/47
DocID025344 Rev 5
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Table 3. Mechanical characteristics @ Vdd = 2.5 V, T = 25 °C unless otherwise noted (1)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
FS
Measurement range(3)
±2.0
g
±4.0
g
±8.0
g
So
Sensitivity
@ FS ±2.0 g
0.061
mg/digit
@ FS ±4.0 g
0.122
mg/digit
@ FS ±8.0 g
0.244
mg/digit
TCSo
Sensitivity change vs.
temperature
0.01
%/°C
TyOff
Typical zero-
g level
offset accuracy(4)
±30
mg
TCOff
Zero-
g level change
vs. temperature(4)
Delta from 25 °C
±0.25
mg/°C
Ton
Turn-on time
Number of samples to be discarded
from power-down to active mode
CTRL4 (23h) (BW_SCALE_ODR) = 0
1
# of
samples
ST
Self-test positive
difference(5)
70
1500
mg
Top
Operating
temperature range
-40
+85
°C
1. The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71 V to 3.6 V.
2. Typical specifications are not guaranteed.
3. Verified by wafer level test and measurement of initial offset and sensitivity.
4. Offset can be eliminated by enabling the built-in high-pass filter.
5. “Self-test positive difference” is defined as: OUTPUT[mg](CTRL5 ST2, ST1 bits=01) - OUTPUT[mg](CTRL5 ST2, ST1 bits=00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com