Electronic Components Datasheet Search
  English  ▼

X  

AM4384 Datasheet(PDF) 5 Page - Texas Instruments

Part # AM4384
Description  Sitara Processors Technical Brief
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4384 Datasheet(HTML) 5 Page - Texas Instruments

  AM4384 Datasheet HTML 1Page - Texas Instruments AM4384 Datasheet HTML 2Page - Texas Instruments AM4384 Datasheet HTML 3Page - Texas Instruments AM4384 Datasheet HTML 4Page - Texas Instruments AM4384 Datasheet HTML 5Page - Texas Instruments AM4384 Datasheet HTML 6Page - Texas Instruments AM4384 Datasheet HTML 7Page - Texas Instruments AM4384 Datasheet HTML 8Page - Texas Instruments AM4384 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
AM4382, AM4384, AM4388
www.ti.com
SPRT726A – MARCH 2017 – REVISED APRIL 2017
Submit Documentation Feedback
Product Folder Links: AM4382 AM4384 AM4388
Device Overview
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information, see Section 5, Mechanical, Packaging, and Orderable Information.
1.3
Description
The TI AM438x high-performance processors are based on the ARM Cortex-A9 core.
The processors are enhanced with payment card peripherals and logical and physical security to help
customers meet payment card industry (PCI) requirements. The devices support high-level operating
systems (HLOS). Linux® is available free of charge from TI.
The devices offer an upgrade to systems based on lower performance ARM cores, provide updated
peripherals, including memory options such as QSPI-NOR and LPDDR2, and support the security features
discussed below.
The processors contain the subsystems shown in the Functional Block Diagram, and a brief description of
each follows.
The processor subsystem is based on the ARM Cortex-A9 core, and the PowerVR SGX™ graphics
accelerator subsystem provides 3D graphics acceleration to support display and advanced user interfaces.
The programmable real-time unit subsystem and industrial communication subsystem (PRU-ICSS) is
separate from the ARM core and allows independent operation and clocking for greater efficiency and
flexibility. The programmable nature of the PRU-ICSS, along with their access to pins, events and all
system-on-chip (SoC) resources, provides flexibility in implementing fast real-time responses, specialized
data handling operations, custom peripheral interfaces, and in off-loading tasks from the other processor
cores of the SoC.
High-performance interconnects provide high-bandwidth data transfers for multiple initiators to the internal
and external memory controllers and to on-chip peripherals. The device also offers a comprehensive
clock-management scheme.
The on-chip analog to digital converter (ADC0) can couple with the display subsystem to provide an
integrated touch-screen solution. There is also an EMV-compliant ISO7816 interface (Smart Card)
interface and magnetic card controller (ADC1).
The RTC provides a clock reference on a separate power domain. The clock reference enables a battery-
backed clock reference.
The camera interface offers configuration for a single- or dual-camera parallel port.
The physical protection subsystem adds enclosure protection to the secure features offered by the
AM438x processors which include cryptography acceleration and secure boot. Enclosure protection helps
customers design products that detect when the casing is opened, and protect sensitive parts of the circuit
with a wire mesh. Tamper protection monitors voltage, temperature, and crystal frequency so system
designers can detect external attacks.
In addition, the partial ARM TrustZone allows system designers to configure memory for secure storage
and protect against software attacks.
Table 1-1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
AM4382ZDN
NFBGA (491)
17.0 mm × 17.0 mm
AM4384ZDN
NFBGA (491)
17.0 mm × 17.0 mm
AM4388ZDN
NFBGA (491)
17.0 mm × 17.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com