Electronic Components Datasheet Search
  English  ▼

X  

AM4384 Datasheet(PDF) 12 Page - Texas Instruments

Part # AM4384
Description  Sitara Processors Technical Brief
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4384 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM4384 Datasheet HTML 8Page - Texas Instruments AM4384 Datasheet HTML 9Page - Texas Instruments AM4384 Datasheet HTML 10Page - Texas Instruments AM4384 Datasheet HTML 11Page - Texas Instruments AM4384 Datasheet HTML 12Page - Texas Instruments AM4384 Datasheet HTML 13Page - Texas Instruments AM4384 Datasheet HTML 14Page - Texas Instruments AM4384 Datasheet HTML 15Page - Texas Instruments AM4384 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ARM Cortex-A9 MPU:
AM4382
AM4384
AM4388
DEVICE
(A)
PREFIX
AM4384
X = Experimental device
Blank = Qualified device
ZDN
PACKAGE TYPE
(B)
ZDN = 491-pin plastic BGA, with Pb-Free solder balls
DEVICE SPEED RANGE
30 = 300-MHz Cortex-A9
60 = 600-MHz Cortex-A9
100 = 1000-MHz Cortex-A9
TEMPERATURE RANGE
A = -40
extended junction temperature)
°C to 105°C (
(
)
(
)
DEVICE REVISION CODE
A = silicon revision 1.1
B = silicon revision 1.2
C = silicon revision 1.3
X
SUFFIX
S = High-Security device, Secure Boot Supported
S
A
12
AM4382, AM4384, AM4388
SPRT726A – MARCH 2017 – REVISED APRIL 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM4382 AM4384 AM4388
Device and Documentation Support
Copyright © 2017, Texas Instruments Incorporated
A.
The device shown in this device nomenclature example is one of several valid part numbers for this family of devices.
B.
BGA = Ball Grid Array.
Figure 4-1. Device Nomenclature
4.2
Tools and Software
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the
device, generate code, and develop solutions are listed below.
Design Kits and Evaluation Modules
AM437x Evaluation Module Enables developers to immediately start evaluating the AM437x processor
family and begin building applications such as portable navigation, patient monitoring,
home/building automation, barcode scanners, portable data terminals and others.
4.3
Documentation Support
The current documentation that describes the processor, related peripherals, and other technical collateral
is listed below.
Errata
AM438x Sitara Processors Silicon Errata
Describes
the
known
exceptions
to
the
functional
specifications for this microprocessor.
User's Guide
AM438x Sitara Processors Technical Reference Manual Collection of documents providing detailed
information on the device including power, reset, and clock control, interrupts, memory map,
and switch fabric interconnect. Detailed information on the microprocessor unit (MPU)
subsystem as well as a functional description of the peripherals supported is also included.
The following documents are related to the processor. Copies of these documents can be obtained
directly from the internet or from your Texas Instruments representative. To determine the revision of the
Cortex-A9 core used on your device, see the device-specific errata.
Cortex-A9 Technical Reference Manual Technical reference manual for the Cortex-A9 processor.
ARM Core Cortex-A9 (AT400/AT401) Errata Notice Provides a list of advisories for the different
revisions of the Cortex-A9 processor. For a copy of this document, contact your TI
representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com