Electronic Components Datasheet Search
  English  ▼

X  

IL215AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL215AT
Description  Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL215AT Datasheet(HTML) 2 Page - Vishay Siliconix

  IL215AT Datasheet HTML 1Page - Vishay Siliconix IL215AT Datasheet HTML 2Page - Vishay Siliconix IL215AT Datasheet HTML 3Page - Vishay Siliconix IL215AT Datasheet HTML 4Page - Vishay Siliconix IL215AT Datasheet HTML 5Page - Vishay Siliconix IL215AT Datasheet HTML 6Page - Vishay Siliconix IL215AT Datasheet HTML 7Page - Vishay Siliconix IL215AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 83616
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.9, 08-May-08
325
IL215AT/216AT/217AT
Optocoupler, Phototransistor Output,
Low Input Current, with Base Connection
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
COUPLER
Isolation test voltage
1 s
VISO
4000
VRMS
Total package dissipation
LED and detector
Ptot
240
mW
Derate linearly from 25 °C
3.2
mW/°C
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Soldering time
at 260 °C
10
s
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 1.0 mA
VF
1.0
1.5
V
Reverse current
VR = 6 V
IR
0.1
100
µA
Capacitance
VR = 0 V
CO
13
pF
OUTPUT
Collector emitter breakdown voltage
IC = 10 µA
BVCEO
30
V
Emitter collector breakdown voltage
IE = 10 µA
BVECO
7.0
V
Dark current collector emitter
VCE = 10 V, IF = 0 A
ICEO
5.0
50
nA
Collector emitter capacitance
VCE = 0
CCE
10
pF
COUPLER
Saturation voltage, collector emitter
IF =1.0 mA, IC = 0.1 mA
VCEsat
0.4
V
Capacitance (input to output)
CIO
0.5
pF
Resistance input to output
RIO
100
G
Ω
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
DC current transfer ratio
IF = 1.0 mA, VCE = 5.0 V
IL215AT
CTRDC
20
50
%
IL216AT
CTRDC
50
80
%
IL217AT
CTRDC
100
130
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Switching time
IF = 2.0 mA, RL = 100 Ω,
VCC = 10 V
ton, toff
3.0
µs
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com